Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA9550LR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA9550LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA9550LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
5
The only difference between the various device configurations is the firmware content that is loaded into the flash memory at the
factory. The user still can add custom software using the remaining portion of flash memory.
The MMA9550, MMA95501, and MMA95503 devices can function immediately as they are. They have an internal command
interpreter and applications scheduler and can interact directly with the users’ host system.
The MMA9559 device provides the most flexibility and is for users who need to design their own control loop and system. The
device needs to be programmed with custom user code.
Data-storage modules
•Data FIFO
Yes
Yes
Yes
No
• Event queue
Yes
Yes
Yes
No
• Inter-process FIFO
No
No
No
Yes
Power-control module
• Run and Stop on idle
Yes
Yes
Yes
Yes
• Run and No stop
Yes
Yes
Yes
Yes
•Stop NC
Yes
Yes
Yes
Yes
• Auto-Wake / Auto-Sleep / Doze
Yes
Yes
Yes
No
Data-management daemons
Yes
Yes
Yes
Pedometer applications
• Step count
No
No
Yes
No
•Distance
No
No
Yes
No
• Adaptive distance
No
No
Yes
No
• Activity monitor
No
No
Yes
No
Table 2. Features of product-line devices (Continued)
Feature - Device
MMA9550L
MMA9551L
MMA9553
MMA9559L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com