Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA9550LR1 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA9550LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LR1 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA9550LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
17
4.4
Operating Conditions
4.5
Electrostatic Discharge (ESD) and Latch-up Protection Characteristics
4.6
General DC Characteristics
Table 5. Nominal operating conditions
Rating
Symbol
Condition(s)
Min
Typ
Max
Unit
Digital supply voltage
VDD
1.71
1.8
1.89
V
Analog supply voltage
VDDA
1.71
1.8
1.89
V
Voltage difference, VDD to VDDA
VDD - VDDA
-0.1
0.1
V
Voltage difference, VSS to VSSA
VSS - VSSA
-0.1
0.1
V
Input voltage high
VIH
0.7*VDD
VDD+0.1
V
Input voltage low
VIL
VSS - 0.3
0.3*VDD
V
Operating temperature
TA
-40
25
85
°C
Table 6. ESD and latch-up protection characteristics
Rating
Symbol
Min
Max
Unit
Human Body Model (HBM)
VHBM
±2000
—
V
Machine Model (MM)
VMM
±200
—
V
Charge Device Model (CDM)
VCDM
±500
—
V
Latch-up current at 85°C
ILAT
±100
—
mA
Table 7. DC characteristics(1)
1.All conditions at nominal supply: VDD = VDDA = 1.8V.
Characteristic
Symbol
Condition(s)(2)
2.Pin groups are defined in “Pin Groups” on page 16.
Min
Typ
Max
Unit
Output voltage high
• Low-drive strength
• High-drive strength
VOH
Pin Groups 1 and 3
ILOAD = -2 mA
ILOAD = -3 mA
VDD - 0.5
—
—
V
Output voltage low
• Low-drive strength
• High-drive strength
VOL
Pin Groups 1 and 3
ILOAD = 2 mA
ILOAD = 3 mA
——
0.5
V
Output-low current
Max total IOL for all ports
IOLT
24
mA
Output-high current
Max total IOH for all ports
IOHT
24
mA
Input-leakage current
|IIN|
Pin Group 2
Vin = VDD or VSS
—0.1
1
µA
Hi-Z (off-state) leakage current
|IOZ|
Pin Group 3 input
resistors disabled
Vin = VDD or VSS
—0.1
1
µA
Pullup resistor
RPU
when enabled
17.5
52.5
K
Ω
Power-on-reset voltage
VPOR
1.50
V
Power-on-reset hysteresis
VPOR-hys
100
mV
Input-pin capacitance
CIN
7pF
Output-pin capacitance
COUT
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com