Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A01TKLC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # A01TKLC
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A01TKLC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button A01TKLC Datasheet HTML 2Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
TYPICAL CHARACTERISTICS — 860 MHz
IDS(Q) = 100 mA
Figure 4. Normalized VGS Quiescent versus
Case Temperature
3.3
0
10
2.1
2.3
2.2
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 5. Drain Current versus Gate--Source Voltage
2.4
9
4
VDD =50 Vdc
Note: Measured with both sides of the transistor tied together.
TC, CASE TEMPERATURE (°C)
1.06
1.05
1.04
1.02
1.01
1.03
1
0.99
0.98
0.97
0.96
0.95
0.94
100
--50
0
--25
25
50
75
1400 mA
1900 mA
2400 mA
VDD =50 Vdc
8
7
6
5
2
3
1
2.6
2.5
2.7
2.9
2.8
3
3.1 3.2
40 Vdc
30 Vdc
20 Vdc
10 Vdc
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 6. Capacitance versus Drain--Source Voltage
30
100
10
40
Coss
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
Note: Each side of device measured separately.
Crss
50
64
32
62
Pin, INPUT POWER (dBm)
Figure 7. Pulsed CW Output Power versus
Input Power
60
43
58
36
37
38
39
40
41
42
P3dB = 59.0 dBm (794 W)
Actual
Ideal
P2dB = 58.8 dBm (759 W)
VDD =50 Vdc,IDQ = 1400 mA, f = 860 MHz
Pulse Width = 100 μsec, Duty Cycle = 10%
56
54
34
35
33
P1dB = 58.4 dBm (692 W)
52
Figure 8. Pulsed Power Gain and Drain Efficiency
versus Output Power
Pout, OUTPUT POWER (WATTS) PULSED
16
22
10
19
21
20
100
1000
ηD
Gps
18
17
VDD =50 Vdc,IDQ = 1400 mA
f = 860 MHz
Pulse Width = 100 μsec
Duty Cycle = 10%
0
60
50
20
40
30
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com