Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A01TKLC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # A01TKLC
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A01TKLC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button A01TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — DVB--T (8k OFDM)
12
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 9. Source Peak--to--Average DVB--T (8k OFDM)
10
1
0.1
0.01
0.001
24
6
8
DVB--T (8k OFDM)
64 QAM Data Carrier Modulation
5 Symbols
5
--20
--5
7.61 MHz
f, FREQUENCY (MHz)
Figure 10. DVB--T (8k OFDM) Spectrum
--30
--40
--50
--90
--70
--80
--100
--110
--60
--4
--3
--2
--1
0
1
2
3
4
4kHz BW
10
ACPR Measured at 4 MHz Offset
from Center Frequency
Figure 11. Single--Carrier DVB--T (8k OFDM) Drain
Efficiency, Power Gain and ACPR versus Output Power
10
--68
Pout, OUTPUT POWER (WATTS) AVG.
40
--56
25
15
--58
--62
35
30
20
--60
--64
--66
ηD
Gps
ACPR
VDD =50 Vdc,IDQ = 1400 mA
f = 860 MHz, DVB--T (8k OFDM)
64 QAM Data Carrier Modulation
5 Symbols
4kHz BW
DVB--T (8k OFDM)
64 QAM Data Carrier Modulation, 5 Symbols
20
140
200
40
60
80
100
120
160
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com