Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9057PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9057PCB
Description  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9057PCB Datasheet HTML 1Page - Analog Devices AD9057PCB Datasheet HTML 2Page - Analog Devices AD9057PCB Datasheet HTML 3Page - Analog Devices AD9057PCB Datasheet HTML 4Page - Analog Devices AD9057PCB Datasheet HTML 5Page - Analog Devices AD9057PCB Datasheet HTML 6Page - Analog Devices AD9057PCB Datasheet HTML 7Page - Analog Devices AD9057PCB Datasheet HTML 8Page - Analog Devices AD9057PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9057
–4–
REV. B
ABSOLUTE MAXIMUM RATINGS
VD, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
VREF Input . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +175
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . +150
°C
ORDERING GUIDE
Temperature
Model
Range
Package Option*
AD9057BRS–40, –60, –80
–40
°C to +85°C RS-20
AD9057/PCB
+25
°C
Evaluation Board
*RS = Shrink Small Outline (SSOP).
Table I. Digital Coding (VREF = +2.5 V)
Analog Input
Voltage Level
Digital Output
3.0 V
Positive Full Scale
1111 1111
2.502 V
Midscale +1/2 LSB
1000 0000
2.498 V
Midscale –1/2 LSB
0111 1111
2.0
Negative Full Scale
0000 0000
PIN DESCRIPTIONS
Pin No.
Name
Function
1
PWRDN
Power-Down Function Select;
Logic HIGH for Power-Down
Mode (Digital Outputs Go to
High Impedance State).
2
VREF OUT
Internal Reference Output
(+2.5 V typ); Bypass with
0.1
µF to Ground.
3
VREF IN
Reference Input for ADC (+2.5
V typ,
±10%).
4, 9, 16
GND
Ground (Analog/Digital).
5, 8
VD
Analog +5 V Power Supply.
6
BIAS OUT
Bias Pin for AC Coupling
(1 k
Ω to REF IN).
7
AIN
Analog Input for ADC.
10
ENCODE
Encode Clock for ADC (ADC
Samples on Rising Edge of
ENCODE).
11–14, 17–20
D7–D4, D3–D0
Digital Outputs of ADC.
15
VDD
Digital Output Power Supply.
Nominally +3 V to +5
V.
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
PWRDN
D3
D2
D1
D0 (LSB)
VREF OUT
VREF IN
GND
AD9057
D4
VDD
GND
VD
BIAS OUT
AIN
VD
GND
ENCODE
D7 (MSB)
D6
D5
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9057 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com