Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9057PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9057PCB
Description  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057PCB Datasheet(HTML) 1 Page - Analog Devices

  AD9057PCB Datasheet HTML 1Page - Analog Devices AD9057PCB Datasheet HTML 2Page - Analog Devices AD9057PCB Datasheet HTML 3Page - Analog Devices AD9057PCB Datasheet HTML 4Page - Analog Devices AD9057PCB Datasheet HTML 5Page - Analog Devices AD9057PCB Datasheet HTML 6Page - Analog Devices AD9057PCB Datasheet HTML 7Page - Analog Devices AD9057PCB Datasheet HTML 8Page - Analog Devices AD9057PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
8-Bit
40 MSPS/60 MSPS/80 MSPS A/D Converter
AD9057
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
FUNCTIONAL BLOCK DIAGRAM
ADC
T/H
8
D7–D0
ENCODE
AIN
VREF OUT
BIAS OUT
VD
PWRDN
VDD
AD9057
VREF IN
+2.5V
1k
Ω
GND
PRODUCT DESCRIPTION
The AD9057 is an 8-bit monolithic analog-to-digital converter
optimized for low cost, low power, small size, and ease of use.
With a 40 MSPS, 60 MSPS or 80 MSPS encode rates capabil-
ity and full-power analog bandwidth of 120 MHz, the compo-
nent is ideal for applications requiring excellent dynamic
performance.
To minimize system cost and power dissipation, the AD9057
includes an internal +2.5 V reference and a track-and-hold
circuit. The user must provide only a +5 V power supply and an
encode clock. No external reference or driver components are
required for many applications.
The AD9057’s encode input is TTL/CMOS compatible and the
8-bit digital outputs can be operated from +5 V or +3 V supplies.
A power-down function may be exercised to bring total con-
sumption to < 10 mW. In power-down mode the digital outputs
are driven to a high impedance state.
Fabricated on an advanced BiCMOS process, the AD9057 is
available in a space saving 20-lead surface mount plastic pack-
age (20 SSOP) and is specified over the industrial (–40
°C to
+85
°C) temperature range.
Customers desiring multichannel digitization may consider the
AD9059, a dual 8-bit, 60 MSPS monolithic based on the
AD9057 ADC core. The AD9059 is available in a 28-lead sur-
face mount plastic package (28 SSOP) and is specified over the
industrial temperature range.
FEATURES
8-Bit, Low Power ADC: 200 mW Typical
120 MHz Analog Bandwidth
On-Chip +2.5 V Reference and T/H
1 V p-p Analog Input Range
Single +5 V Supply Operation
+5 V or +3 V Logic Interface
Power-Down Mode: < 10 mW
Three Performance Grades (40 MSPS, 60 MSPS, 80 MSPS)
APPLICATIONS
Digital Communications (QAM Demodulators)
RGB & YC/Composite Video Processing
Digital Data Storage Read Channels
Medical Imaging
Digital Instrumentation
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
PWRDN
D3
D2
D1
D0 (LSB)
VREF OUT
VREF IN
GND
AD9057
D4
VDD
GND
VD
BIAS OUT
AIN
VD
GND
ENCODE
D7 (MSB)
D6
D5


Similar Part No. - AD9057PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
207Kb / 12P
8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
9/01-REV.C
AD9057 AD-AD9057 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
358Kb / 13P
A/D Converter
REV. D
AD9057-PCB AD-AD9057-PCB Datasheet
207Kb / 12P
8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
9/01-REV.C
AD9057/PCB AD-AD9057/PCB Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results

Similar Description - AD9057PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
logo
Analog Devices
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
9/01-REV.C
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com