Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PB01W-50-4KSSI Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PB01W-50-4KSSI
Description  STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PB01W-50-4KSSI Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PB01W-50-4KSSI Datasheet HTML 1Page - PowerDynamics, Inc PB01W-50-4KSSI Datasheet HTML 2Page - PowerDynamics, Inc PB01W-50-4KSSI Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
PB
-
-
PB Series Example & Ordering Code
01

Contact PDI for attenuation numbers

Contact PDI for availability

N/A for 15A
*15A for UL, cUL; 10A for CE, VDE
Q50
1
C
CURRENT RATING (A):
= 01
= 02
= 03
= 06
= 08
= 10
= 15*
TERMINAL:
= Q
= S
= W
OPTIONS:
= 00
= 50
= 60
= 70
= 80
= 90
QUICK CONNECT
SOLDER
WIRE
NO BLEEDER RESISTOR & GROUND CHOKE
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
BLEEDER RESISTOR (1/4 W, 1M) & GROUND CHOKE
BLEEDER RESISTOR (1/2 W, 1M) & GROUND CHOKE
GROUND CHOKE (100µH)
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
8.0
3.0-3.6L
6.6
2.0-3.0L
9
SCHEMATICS
4
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Lg
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Lg
Cy
R
1
2
G
L mH
L mH
L
N
L
L'
N'
G'
Lg
R
Cy
Cy
CX
G'
G
L mH
L mH
L
N
L
L'
N'
Lg
R
3
MEDICAL
SCHEMATICS
G'
CX
G
L mH
L mH
L
N
L
L'
N'
Lg
R
G'
G
L mH
L mH
L
N
L
L'
N'
Lg
R
CX
2M
1M
TYPE OF MOUNTING:
=
BLANK
= B
= SNT
= SSI
STANDARD FLANGE MOUNT
SPECIAL FLANGE MOUNT
SNAP-IN TABS - TOP BOTTOM
SNAP-IN TABS - SIDE
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 4
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X) & C(Y) BEHIND L
WITHOUT C(X) & C(Y)
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
ATTENUATION CODE TABLE:
Non-Medical applications, select Attenuation code with corresponding component values from the table.
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
Cx
Cy
Inductance Per Current Rating (mH)
(µF)
(pF)
1A
2A
3A
6A
8A
10A
15A
0.1
2200
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
3300
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3300
3.7
2.7
1.8
0.8
1.05
0.3
0.2
0.1
1000
10.5
4.2
2.5
1.05

0.3
0.2
0.047
3300
4.6
3.4
2.5
0.9

0.3
0.2
0.033
3300
9.5
4.3
1.8
0.85

0.3
0.2
0.047
2200
10.5
4.0
1.2
0.53

0.3
0.2
0.033
2200
5.0
3.7
1.8
0.6

0.2
0.2
without Cx
without Cy
10.5
6.5
2.5
1.05

0.3
0.2
0.22
2200
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.22
3300
6.5
4.0
2.5
0.8
1.05
0.3
0.2
Cx
Inductance Per Current Rating (mH)
(µF)
1A
2A
3A
6A
8A
10A
15A
0.1
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3.7
2.7
1.8

0.3

0.047
4.6
3.4
2.5
0.9

0.3
0.2
0.033
9.5
4.3
1.8
0.85

0.3
0.2
0.22
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.047
10.5
4
1.2
0.53


0.033
5
3.7

0.6

0.2

Medical applications, select Attenuation code with corresponding component values from the table.
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com