Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PB01W-50-4KSSI Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PB01W-50-4KSSI
Description  STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PB01W-50-4KSSI Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PB01W-50-4KSSI Datasheet HTML 1Page - PowerDynamics, Inc PB01W-50-4KSSI Datasheet HTML 2Page - PowerDynamics, Inc PB01W-50-4KSSI Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
Non-Medical Applications
PB Series Attenuation Tables
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 40 32 26 11
8 25 37 71 62 12
29 32 55 48 49 51
8 23 34 68 64 14
28 36 39 45 48 39
8 19 27 58 65 15
18 24 28 44 50 47
8 18 26 43 51 31
8 14 18 33 41 39
8 18 25 29 38 31
7 14 19 34 40 38
7 17 23 39 47 27
25 31 33 30 25 14
1 4 12 50 64 16
24 28 20 53 54 55
1 4 13 53 57 16
19 22 24 27 27 22
1 3 8 48 59 31
15 24 30 44 52 40
1 4 8 36 52 28
11 18 23 39 49 37
1 4 8 26 46 24
7 15 20 38 46 37
1 4 8 25 48 28
29 33 47 53 57 41
8 23 35 73 58 14
28 37 44 52 56 41
8 19 27 74 59 17
25 33 46 53 57 44
8 19 29 63 62 13
19 29 36 49 55 46
8 18 23 50 54 24
11 19 24 41 53 36
8 18 24 51 46 25
7 15 21 37 46 36
7 17 23 39 48 27
36 41 41 49 49 46
8 23 33 62 62 32
36 41 41 49 49 46
8 23 33 62 62 32
28 35 37 41 42 42
8 19 28 56 57 17
21 28 31 41 44 41
8 18 25 45 48 29
12 16 19 45 37 41
8 18 24 52 53 30
7 13 16 28 32 37
7 17 24 32 32 30
32 39 55 55 56 52
3 14 25 75 63 24
29 34 46 56 58 49
3 15 27 67 59 21
28 38 44 51 58 39
3 12 20 66 57 18
18 25 31 49 56 47
3 11 17 55 59 32
11 19 24 40 50 40
3 12 17 48 46 29
7 14 20 39 45 37
3 11 17 50 46 29
36 41 62 54 50 36
1 11 22 64 70 29
32 39 56 56 58 58
1 10 21 76 62 23
23 29 35 53 52 40
1 9 17 66 65 33
19 29 35 51 54 49
2 8 13 47 57 28
11 19 25 40 51 39
2 9 14 46 51 29
4 15 21 36 44 38
1 8 14 50 46 26
36 41 59 54 54 47
3 15 26 68 71 32
31 37 47 51 49 40
3 14 24 69 63 26
20 25 28 44 49 42
3 12 19 61 57 27
14 19 22 39 48 41
3 11 17 48 50 33
11 17 22 36 42 38
3 11 17 39 55 27
4 14 19 34 40 38
3 12 17 38 42 28
32 34 52 44 44 41
1 14 25 60 66 21
29 32 56 49 50 45
1 12 24 67 62 14
23 27 30 49 52 46
1 9 17 59 69 30
16 20 24 42 51 42
1 8 14 58 52 33
11 17 22 36 41 40
2 8 14 37 54 27
4 14 19 33 39 39
1 8 14 48 42 28
36 42 43 37 31 36
1 2 5 17 23 33
30 37 39 29 22 27
1 1 3 14 21 13
28 35 37 28 22 31
1 1 2 11 18 12
21 29 32 31 27 17
1 1 1
7 12 23
11 16 18 18 17 14
1 1 1
5 3
9
6 12 15 16 15 11
1 1 1
1 3
6
Attenuation
Code
A
B
C
D
E
F
G
H
I
"
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
Insertion loss in dB (50 Ohm circuit)
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
Medical Applications
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 39 32 16 21
9 26 37 62 51 11
29 32 34 30 19 16
8 23 34 60 48 13
28 35 37 28 22 19
8 19 28 52 44 12
18 22 24 27 25 18
8 18 26 52 45 27
8 13 15 17 16 14
8 18 25 32 28 24
7 12 15 16 14 11
7 17 24 41 32 23
25 31 33 30 24 21
1 5 14 41 46 17
23 27 28 29 24 23
1 5 14 45 58 15
19 22 24 27 27 20
1 4 10 39 50 34
15 21 24 23 21 17
1 4 9 30 49 28
11 16 18 17 16 12
1 4 8 26 45 24
7 13 15 16 14 11
1 3 7 26 39 23
29 33 34 30 20 16
8 24 35 58 45 15
28 35 37 28 22 24
8 20 29 61 48 15
25 33 58 51 56 41
8 20 30 57 47 13
19 26 29 28 25 14
8 18 26 46 43 22
11 16 18 18 16 12
8 18 24 47 36 24
36 41 43 37 32 28
8 23 34 60 53 30
31 37 39 35 29 22
8 22 32 66 55 22
28 35 37 28 21 21
8 20 29 54 44 14
22 28 31 30 27 16
8 18 26 43 43 26
12 16 18 20 19 15
8 18 24 49 42 27
32 37 40 35 29 23
3 15 25 74 58 21
29 33 34 30 16 21
3 16 27 57 50 20
28 35 37 28 22 23
3 13 22 59 48 16
18 23 25 27 26 20
3 12 19 48 49 30
11 16 18 18 17 14
3 11 17 42 38 27
7 13 15 16 14 11
3 11 17 43 30 22
36 41 43 37 31 25
1 12 23 54 57 28
32 37 40 36 30 22
1 11 22 63 59 24
23 27 28 31 30 30
1 10 19 61 52 32
19 26 29 29 25 17
1 8 15 39 45 25
11 16 18 18 17 14
2 8 14 42 34 25
4 13 15 16 14 11
1 8 14 48 29 21
36 41 43 37 32 28
3 16 27 64 60 31
31 37 40 36 29 25
3 15 25 80 60 25
20 24 25 26 24 23
3 12 21 47 42 22
14 17 19 22 22 19
3 11 18 43 35 29
11 16 18 18 16 12
3 11 17 48 34 23
32 36 37 28 19 11
1 14 26 53 42 16
29 33 34 31 20 17
1 13 24 61 50 14
23 26 28 31 30 31
1 9 19 54 53 29
16 19 21 24 24 21
2 8 15 56 38 33
11 16 18 18 17 14
2 8 14 41 34 25
Attenuation
Code
M1
M2
M3
M4
M5
M6
M7
M8
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
"
Insertion loss in dB (50 Ohm circuit)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com