Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9875BSTRL Datasheet(PDF) 11 Page - Analog Devices

Part # AD9875BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875BSTRL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9875BSTRL Datasheet HTML 7Page - Analog Devices AD9875BSTRL Datasheet HTML 8Page - Analog Devices AD9875BSTRL Datasheet HTML 9Page - Analog Devices AD9875BSTRL Datasheet HTML 10Page - Analog Devices AD9875BSTRL Datasheet HTML 11Page - Analog Devices AD9875BSTRL Datasheet HTML 12Page - Analog Devices AD9875BSTRL Datasheet HTML 13Page - Analog Devices AD9875BSTRL Datasheet HTML 14Page - Analog Devices AD9875BSTRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD9875
–11–
20
22
24
26
28
30
34
32
36
38
40
64
80
96
112
128
144
160
176
192
TPC 17. Rx vs. Tuning Target, fADC = 32 MHz, LPF with
Wideband Rx LPF = 1
VGA GAIN – dB
–0.80
–0.60
–0.40
–0.20
0.00
0.20
0.60
0.40
–6 –4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34 36
TPC 18. PGA Gain Error vs. Gain
8
9
10
11
12
13
15
14
16
17
18
48
64
80
96
112
128
144
160
176
192
TPC 19. fC vs. Tuning Target, fADC = 32 MHz, LPF with
Wideband Rx LPF = 0
VGA GAIN – dB
1.5
1.6
1.7
1.8
1.9
2.0
2.2
2.1
2.3
2.4
2.5
–6 –4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34 36
TPC 20. PGA Gain Step Size vs. Gain
Typical AC Characterization Curves for Rx Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com