Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9875BSTRL Datasheet(PDF) 24 Page - Analog Devices

Part # AD9875BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875BSTRL Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9875BSTRL Datasheet HTML 16Page - Analog Devices AD9875BSTRL Datasheet HTML 17Page - Analog Devices AD9875BSTRL Datasheet HTML 18Page - Analog Devices AD9875BSTRL Datasheet HTML 19Page - Analog Devices AD9875BSTRL Datasheet HTML 20Page - Analog Devices AD9875BSTRL Datasheet HTML 21Page - Analog Devices AD9875BSTRL Datasheet HTML 22Page - Analog Devices AD9875BSTRL Datasheet HTML 23Page - Analog Devices AD9875BSTRL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
–24–
REV. 0
The AVDD and DVDD power planes may be fed from the same
low noise voltage source; however, they should be decoupled
from each other to prevent the noise generated in the DVDD
portion of the MxFE from corrupting the AVDD supply. This
can be done by using ferrite beads between the voltage source
and DVDD, and between the source and AVDD. Both DVDD
and AVDD should have a low ESR, bulk decoupling capacitor
on the MxFE side of the ferrite as well as a low ESR, ESL
decoupling capacitors on each supply pin (i.e., the AD9875
requires five power supply decoupling caps, one each on Pins 5,
38, 47, 14, and 35). The decoupling caps should be placed as close
to the MxFE supply pins as possible. An example of the proper
decoupling is shown in the AD9875 evaluation board schematic.
Ground Planes
In general, if the component placing guidelines discussed earlier
can be implemented, it is best to have at least one continuous
ground plane for the entire board. All ground connections should be
made as short as possible. This will result in the lowest impedance
return paths, and the quietest ground connections.
If the components cannot be placed in a manner that will keep
the high-frequency ground currents from traversing under the
MxFE and analog components, it may be necessary to put
current steering channels into the ground plane to route the
high-frequency currents around these sensitive areas. These current
steering channels should be made only when and where necessary.
Signal Routing
The digital Rx and Tx signal paths should be kept as short as
possible. Also, the impedance of these traces should have a
controlled characteristic impedance of about 50
Ω. This will
prevent poor signal integrity and the high currents that can
occur during undershoot or overshoot caused by ringing. If the
signal traces cannot be kept shorter than about 1.5 inches, then
series-termination resistors (33
Ω to 47 Ω) should be placed
close to all signal sources. It is a good idea to series-terminate all
clock signals at their source, regardless of trace length.
The receive Rx
± signals are the most sensitive signals on the
entire board. Careful routing of these signals is essential for good
receive path performance. The Rx
± signals form a differential pair
and should be routed together as a pair. By keeping the traces
adjacent to each other, noise coupled onto the signals will
appear as common-mode and will be largely rejected by the
MxFE receive input. Keeping the driving point impedance of
the receive signal low and placing any low-pass filtering of the
signals close to the MxFE will further reduce the possibility of
noise corrupting these signals.
OUTLINE DIMENSIONS
AD9875
Dimensions shown in inches and (mm).
48-Lead LQFP
(ST-48)
0.039 (1.00)
REF
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.011 (0.27)
0.009 (0.22)
0.007 (0.17)
0.019 (0.50)
BSC
0.276
(7.00)
BSC
SQ
0.354 (9.00)
BSC SQ
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
VIEW A
7
3.5
0
0.008 (0.20)
0.004 (0.09)
0.057 (1.45)
0.055 (1.40)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
0.003 (0.08)
MAX
VIEW A
ROTATED 90 CCW
CONTROLLING DIMENSIONS ARE IN MILLIMETERS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com