Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTPFPGMEVMEUG Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
Freescale Semiconductor
19
Graphical User Interface Description
4. The “Select Resource” dialog should close, and the Log List will display a message that you are connected
to the KITPFPGMEVME. The Vendor ID and Part ID will also be displayed to let you know that you are
connected to the right device.
•
The Log List can be saved to a text file at any time by pressing the “Save Log” button, and a "File Save”
dialog box will pop up.
•
The Log List can also be cleared at any time by pressing the “Clear Log” button.
Figure 18. Log List Box.
5. If prototyping is desired, the Try-Before-Buy mode can be enabled or disabled though the TBB On or TBB
Off buttons respectively. The operating mode will be displayed on the lower left area of the KITPF0100GUI
as shown in Figure 19. The KITPF0100GUI version is shown in the lower right area of the graphical
interface.
Figure 19. TBB Mode Enable/Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com