Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8523T/1 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 47Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 48Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 49Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 50Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 51Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 52Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 53Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 54Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
51 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
[1]
For reliable oscillator start at power-up: VDD =VDD(min) +0.3 V.
[2]
For reliable oscillator start at power-up: VDD =VDD(min) +0.5 V.
[3]
Timer source clock = 1⁄3600 Hz, level of pins SCL and SDA is VDD or VSS.
[4]
When the device is supplied via the VBAT pin instead of the VDD pin, the current values for IBAT will be as specified for IDD under the same
conditions.
[5]
The I2C-bus is 5 V tolerant.
[6]
Implicit by design.
[7]
Tested on sample basis.
[8]
Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series:
.
[9]
Tested at 25
C.
[10] Crystal characteristic specification.
Outputs
VO
output voltage
on pins INT1/CLKOUT, CLKOUT, INT2,
SDA (refers to external pull-up voltage)
0.5
-
5.5
V
VOL
LOW-level output
voltage
VSS
-0.4
V
IOL
LOW-level output
current
output sink current;
on pins INT1/CLKOUT, CLKOUT, INT2;
VOL =0.4 V; VDD =5V
[7] 1.5
-
-
mA
on pin SDA
VOL =0.4 V; VDD =3.0 V
[7] 20
-
-
mA
ILO
output leakage current
VO =VSS or VDD
-0
-nA
post ESD event
1-
+1
A
CL(itg)
integrated load
capacitance
on pins OSCO, OSCI
[8][9]
CL = 7 pF
3.3
7
14
pF
CL = 12.5 pF
6
12.5
25
pF
RS
series resistance
[10] -
-
100
k
Table 48.
Static characteristics …continued
VDD = 1.2 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 7 pF; unless otherwise
specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
C
Litg

C
OSCI
C
OSCO

C
OSCI
C
OSCO
+

--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com