Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8523T/1 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 54Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 55Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 56Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 57Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 58Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 59Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 60Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 61Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
58 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
[1]
The x/y coordinates of the alignment mark location represent the position of the REF point (see Figure 41)
with respect to the center (x/y = 0) of the chip; see Figure 40.
[2]
The x/y values of the dimensions represent the extensions of the alignment mark in direction of the
coordinate axis (see Figure 41).
[1]
Pressure of diamond head: 10 g to 50 g.
Table 51.
Bump locations
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 40.
Symbol
Bump
Coordinates (
m)
X
Y
VDD
1
714.4
911.7
OSCI
2
714.4
988.3
OSCO
3
714.4
707.3
VBAT
4
714.4
199.3
VSS
5
714.4
459.1
n.c.
6
714.4
616.7
INT2
7
714.4
895.4
CLKOUT
8
714.4
922.0
SDA
9
714.4
528.8
SCL
10
714.4
101.1
n.c.
11
714.4
607.6
INT1/CLKOUT
12
714.4
763.2
Table 52.
Alignment mark dimension and location
Coordinates
X
Y
Location[1]
631.3
m
891.7
m
Dimension[2]
44.25
m
36.5
m
Fig 41. Alignment mark
Table 53.
Gold bump hardness of PCF8523U
Gold bump type
Min
Max
Unit[1]
soft gold bump
35
80
HV
013aaa318
REF
y
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com