Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV601LCJST Datasheet(PDF) 20 Page - Analog Devices

Part # ADV601LCJST
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LCJST Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV601LCJST Datasheet HTML 16Page - Analog Devices ADV601LCJST Datasheet HTML 17Page - Analog Devices ADV601LCJST Datasheet HTML 18Page - Analog Devices ADV601LCJST Datasheet HTML 19Page - Analog Devices ADV601LCJST Datasheet HTML 20Page - Analog Devices ADV601LCJST Datasheet HTML 21Page - Analog Devices ADV601LCJST Datasheet HTML 22Page - Analog Devices ADV601LCJST Datasheet HTML 23Page - Analog Devices ADV601LCJST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADV601LC
–20–
REV. 0
Table VII. Component Digital Video Formats
Nominal
Bit/
Color
Data Rate
Master/
Format
Name
Component
Space
Sampling
(MHz)
Slave
I/F Width
Number
CCIR-656
8
YCrCb
4:2:2
27
Master
8
0x0
Multiplex Philips
8
YUV
4:2:2
<=29.5
Either
8
0x2
Clocks and Strobes
All video data is synchronous to the video clock (VCLK).
The rising edge of VCLK is used to clock all data into the
ADV601LC.
Synchronization and Blanking Pins
Three signals, which can be configured as inputs or outputs, are
used for video frame and field horizontal synchronization and
blanking. These signals are VSYNC, HSYNC, and FIELD.
VDATA Pins Functions With Differing Video Interface Formats
The functionality of the Video Interface pins depends on the
current video format. Table VIII defines how Video data pins
are used for the various formats.
Table VIII. VDATA[7:0] Pin Functions Under CCIR-656
and Multiplex Philips
VDATA[7:0] Pins
CCIR-656
Multiplex Philips
7
Data9
Data9
6
Data8
Data8
5
Data7
Data7
4
Data6
Data6
3
Data5
Data5
2
Data4
Data4
1
Data3
Data3
0
Data2
Data2
Video Formats—CCIR-656
The ADV601LC supports a glueless video interface to CCIR-656
devices when the Video Format is programmed to CCIR-656
mode. CCIR-656 requires that 4:2:2 data (8 bits per compo-
nent) be multiplexed and transmitted over a single 8-bit physical
interface. A 27 MHz clock is transmitted along with the data.
This clock is synchronous with the data. The color space of
CCIR-656 is YCrCb.
When in master mode, the CCIR-656 mode does not require
any external synchronization or blanking signals to accompany
digital video. Instead, CCIR-656 includes special time codes in
the stream syntax that define horizontal blanking periods, verti-
cal blanking periods, and field synchronization (horizontal and
vertical synchronization information can be derived). These
time codes are called End-of-Active-Video (EAV) and Start-of-
Active-Video (SAV). Each line of video has one EAV and one
SAV time code. EAV and SAV have three bits of embedded
information to define HSYNC, VSYNC and Field information
as well as error detection and correction bits.
VCLK is driven with a 27 MHz, 50% duty cycle clock which is
synchronous with the video data. Video data is clocked on the
rising edge of the VCLK signal. When decoding, the VCLK
signal is typically transmitted along with video data in the
CCIR-656 physical interface.
Electrically, CCIR-656 specifies differential ECL levels to be
used for all interfaces. The ADV601LC, however, only supports
unipolar, TTL logic thresholds. Systems designs that interface
to strictly conforming CCIR-656 devices (especially when inter-
facing over long cable distances) must include ECL level shifters
and line drivers.
The functionality of HSYNC, VSYNC and FIELD Pins is
dependent on three programmable modes of the ADV601LC:
Master-Slave Control, Encode-Decode Control and 525-625
Control. Table IX summarizes the functionality of these pins in
various modes.
Table IX. CCIR-656 Master and Slave Modes HSYNC, VSYNC, and FIELD Functionality
HSYNC, VSYNC and FIELD
Master Mode (HSYNC, VSYNC
Slave Mode (HSYNC, VSYNC
Functionality for CCIR-656
and FIELD Are Outputs)
and FIELD Are Inputs)
Encode Mode (video data is input
Pins are driven to reflect the states of the
Undefined—Use Master Mode
to the chip)
received time codes: EAV and SAV. This
functionality is independent of the state of
the 525-625 mode control. An encoder is
most likely to be in master mode.
Decode Mode (video data is output
Pins are output to the precise timing definitions
Undefined—Use Master Mode
from the chip)
for CCIR-656 interfaces. The state of the pins
reflect the state of the EAV and SAV timing
codes that are generated in the output video data.
These definitions are different for 525 and 625 line
systems. The ADV601LC completely manages the
generation and timing of these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com