Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV601LCJST Datasheet(PDF) 23 Page - Analog Devices

Part # ADV601LCJST
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LCJST Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV601LCJST Datasheet HTML 19Page - Analog Devices ADV601LCJST Datasheet HTML 20Page - Analog Devices ADV601LCJST Datasheet HTML 21Page - Analog Devices ADV601LCJST Datasheet HTML 22Page - Analog Devices ADV601LCJST Datasheet HTML 23Page - Analog Devices ADV601LCJST Datasheet HTML 24Page - Analog Devices ADV601LCJST Datasheet HTML 25Page - Analog Devices ADV601LCJST Datasheet HTML 26Page - Analog Devices ADV601LCJST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ADV601LC
–23–
REV. 0
Table XII. Pseudo-Code Describing a Sequence of Video Fields
Complete Sequence:
<Field 1 Sequence>
“Frame N; Field 1”
<Field 2 Sequence>
“Frame N; Field 2”
<Field 1 Sequence>
“Frame N+1; Field 1”
<Field 2 Sequence>
“Frame N+1; Field 2”
(Field Sequences)
<Field 1 Sequence>
“Frame N+M; Field 1”
<Field 2 Sequence>
“Frame N+M; Field 2”
#EOS
“Required in decode to let the ADV601LC know the sequence of
fields is complete.”
Field 1 Sequence:
#SOF1
<VITC>
<First Block Sequence>
<Complete Block Sequence>
Field 2 Sequence:
#SOF2
<VITC>
<First Block Sequence>
<Complete Block Sequence>
First Block Sequence:
<TYPE4>
<BW>
<Huff_Data>
Complete Block Sequence:
<Block Sequence>
...
(Block Sequences)
...
<Block Sequence>
Block Sequence:
#SOB1, #SOB2, #SOB3, #SOB4 or #SOB5
<BW>
<Huff_Data>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com