Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBR951LT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMBR951LT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR951LT1 Datasheet(HTML) 5 Page - Motorola, Inc

  MMBR951LT1 Datasheet HTML 1Page - Motorola, Inc MMBR951LT1 Datasheet HTML 2Page - Motorola, Inc MMBR951LT1 Datasheet HTML 3Page - Motorola, Inc MMBR951LT1 Datasheet HTML 4Page - Motorola, Inc MMBR951LT1 Datasheet HTML 5Page - Motorola, Inc MMBR951LT1 Datasheet HTML 6Page - Motorola, Inc MMBR951LT1 Datasheet HTML 7Page - Motorola, Inc MMBR951LT1 Datasheet HTML 8Page - Motorola, Inc MMBR951LT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
MMBR951 MRF957 MRF9511 SERIES
MOTOROLA RF DEVICE DATA
Figure 5. MRF9511LT1
Figure 6. MMBR951LT1
Figure 7. Typical Noise Figure and Associated
Gain versus Frequency
Figure 8. Typical Noise Figure versus
Collector Current
TYPICAL FORWARD INSERTION GAIN AND
MAXIMUM UNILATERAL GAIN versus FREQUENCY
Figure 9. Functional Circuit Schematic (All Devices)
30
25
20
15
10
5
0
0.1
0.2 0.3
0.5
1
0.7
2
5
3
f, FREQUENCY (GHz)
IC, COLLECTOR CURRENT (mA)
VCE = 8 V
IC = 30 mA
VCE = 6 V
IC = 5 mA
VCE = 6 V
|S21|2
GUmax
CIRCUIT — FIGURE 9
NFmin
NFmin at 1 GHz
GUmax
0
1
2
3
4
5
6
30
25
20
15
10
5
0
0.1
0.2 0.3
0.5
1
0.7
2
5
3
f, FREQUENCY (GHz)
24
20
16
12
8
4
0
0.1
0.2
0.3
0.5
1
0.7
2
5
3
f, FREQUENCY, (GHz)
6
5
4
3
2
1
0
12
3
5
10
720
50
30
MMBR951LT1
MRF9511LT1
MRF9511LT1
MMBR951LT1
CIRCUIT — FIGURE 9
VCE = 8 V
IC = 30 mA
NFmin at 2 GHz
MMBR951LT1
GNF
VBE
D.U.T.
RF INPUT
RF OUTPUT
**SLUG TUNER
**SLUG TUNER
*BIAS
NETWORK
*BIAS
NETWORK
*HP11590B
**MICROLAB/FXR
**SF – 11N < 1 GHz
**SF – 31IN
≥ 1 GHz
VCE = 6 Vdc
NF50
MRF9511LT1
|S21|2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com