Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBR951LT1 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MMBR951LT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR951LT1 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MMBR951LT1 Datasheet HTML 6Page - Motorola, Inc MMBR951LT1 Datasheet HTML 7Page - Motorola, Inc MMBR951LT1 Datasheet HTML 8Page - Motorola, Inc MMBR951LT1 Datasheet HTML 9Page - Motorola, Inc MMBR951LT1 Datasheet HTML 10Page - Motorola, Inc MMBR951LT1 Datasheet HTML 11Page - Motorola, Inc MMBR951LT1 Datasheet HTML 12Page - Motorola, Inc MMBR951LT1 Datasheet HTML 13Page - Motorola, Inc MMBR951LT1 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MMBR951 MRF957 MRF9511 SERIES
10
MOTOROLA RF DEVICE DATA
1.8
1.2
Figure 12. MRF9511LT1 Constant Gain and Noise Figure Contours
(f = 0.5 GHz)
f (GHz)
NF OPT (dB)
Rn
0.5
1.20
10
ΓMS NF OPT
0.37
∠ 69°
+j1
+j2
–j2
–j1
– j0.5
– j0.2
+ j0.2
+ j0.5
17.8
K
0.42
f (GHz)
NF OPT (dB)
Rn
1.0
1.50
9
ΓMS NF OPT
0.19
∠ 120°
K
0.74
+j1
+j2
–j2
–j1
– j0.5
– j0.2
+ j0.2
+ j0.5
1.5
16
1.9
21.1
1.7
19
18
1.4
2.1
1.6
20
17
15
VCE = 6.0 V
IC = 5.0 mA
— AREA OF INSTABILITY
VCE = 6.0 V
IC = 5.0 mA
— AREA OF INSTABILITY
Figure 13. MRF9511LT1 Constant Gain and Noise Figure Contours
(f = 1.0 GHz)
MRF957T1, T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com