Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT3492 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
11
fault coverage. The monolithic circuit includes all circuitry required to perform the self-test.
Self-test can be an on-line or off-line function which is initiated by simple subsystem intervention. The
DRVINH signal selects on-line or off-line testing.
The circuit accomplishes the on-line test without
accessing the MIL-STD-1553 data bus by providing an internal data path which connects the encoder
circuitry directly to the decoder circuitry. The transceiver is inhibited during this on-line test. The off-line
test is designed to include the transceiver as well as the protocol device. This mode will generally be useful
as an off-line card test where no live bus is in use.
To initiate the self-test a word is placed in the Vector Word Latch, Loop Test Enable (LTEN) is held low, and
the Loop Test Trigger (LTTRIG) signal is pulsed low. The primary bus will be tested with the word that
resides in the Vector Word Latch, encoded then looped back, decoded and presented to the subsystem as
a normal data transfer would be accomplished. The secondary bus is sequentially tested after the primary
bus is completed via Request Bus A (REQBUSA) utilizing the same word residing in the Vector Word
Latch. Upon completion of each test, pass/fail signals will be asserted reporting the results of the test.
This test implementation verifies MIL-STD-1553 protocol compliance; proper sync character, 16 data bits,
Manchester II coding, odd parity, contiguous word checking and a bit by bit comparison of the transmitted
data.
The self-test circuitry increases the fault coverage by insuring that the internal function blocks;
encoder, decoder, and internal control circuitry are operating correctly.
An effective data pattern to
accomplish this is HEX AA55 since each bit is toggled, (8 bit internal highway) on a high/low byte basis.
The total time required to complete the self-test cycle is 89 microseconds. The Loop Test Enable signal
must remain in the low state throughout the diagnostic cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com