Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT3492 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 17Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 18Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 19Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 20Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 21Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 22Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 23Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
19
1 : 2.12
55
Ω
NOTES:
55
Ω
1 : 1.5
TX/RX
55
Ω
55
Ω
1 : 1.41
Transformer Coupled Stubs
Direct Coupled Stubs
C
B
Zoi
VCMT = ±10 VPK
Zoi
A
A
1. Point C, Vo = 18 Vpp Minimum
TX/RX
TX/RX
TX/RX
70
Ω
35
Ω
35
Ω
2. Transformer self Impedance
≥ 3KΩ at 1MHz
3. VCMT for transformer coupled stubs
VCMD for direct coupled stubs
±VCMD
DC to 2MHZ
STUB
ISOLATION
STUB
+
-
Figure 4 – TRANCEIVER SIGNAL POINTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com