Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SZ5M Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SZ5M
Description  Super high Flux output and high Luminance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5M Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SZ5M Datasheet HTML 9Page - Seoul Semiconductor SZ5M Datasheet HTML 10Page - Seoul Semiconductor SZ5M Datasheet HTML 11Page - Seoul Semiconductor SZ5M Datasheet HTML 12Page - Seoul Semiconductor SZ5M Datasheet HTML 13Page - Seoul Semiconductor SZ5M Datasheet HTML 14Page - Seoul Semiconductor SZ5M Datasheet HTML 15Page - Seoul Semiconductor SZ5M Datasheet HTML 16Page - Seoul Semiconductor SZ5M Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
서식번호 : SSC- QP- 7- 07- 12 (Rev.02)
SSC
SSC-
-SZ5M
SZ5M
January 2012
January 2012
www.seoulsemicon.com
www.seoulsemicon.com
13
Color Spectrum
(IF=350mA, Ta=25
℃, RH30%)
300
400
500
600
700
800
900
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Wavelength [nm]
Pure
Neutral
Warm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com