Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SZ5M Datasheet(PDF) 23 Page - Seoul Semiconductor

Part # SZ5M
Description  Super high Flux output and high Luminance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5M Datasheet(HTML) 23 Page - Seoul Semiconductor

Back Button SZ5M Datasheet HTML 16Page - Seoul Semiconductor SZ5M Datasheet HTML 17Page - Seoul Semiconductor SZ5M Datasheet HTML 18Page - Seoul Semiconductor SZ5M Datasheet HTML 19Page - Seoul Semiconductor SZ5M Datasheet HTML 20Page - Seoul Semiconductor SZ5M Datasheet HTML 21Page - Seoul Semiconductor SZ5M Datasheet HTML 22Page - Seoul Semiconductor SZ5M Datasheet HTML 23Page - Seoul Semiconductor SZ5M Datasheet HTML 24Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
서식번호 : SSC- QP- 7- 07- 12 (Rev.02)
SSC
SSC-
-SZ5M
SZ5M
January 2012
January 2012
www.seoulsemicon.com
www.seoulsemicon.com
23
• Storage
To avoid the moisture penetration, we recommend storing Z Power LEDs in a dry box
with a desiccant . The recommended storage temperature range is 5C to 30C and a maximum
humidity of 50%.
• Use Precaution after Opening the Packaging
Use proper SMD techniques when the LED is to be soldered dipped as separation of the lens may
affect the light output efficiency.
Pay attention to the following:
a. Soldering should be done immediately after opening the package (within 24Hrs).
b. Required conditions after opening the package
- Sealing
- Temperature : 5 ~ 40
℃ Humidity : less than 30%
c. If the package has been opened more than 4 week or the color of the desiccant changes,
components should be dried for 10-12hr at 60
±5℃
• Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
• Do not rapidly cool device after soldering.
• Components should not be mounted on warped (non coplanar) portion of PCB.
• Radioactive exposure is not considered for the products listed here in.
• Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or shredded in the process of disposal. It is also dangerous to
drink the liquid or inhale the gas generated by such products when chemically disposed of.
• This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
• When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
• LEDs must be stored properly to maintain the device. If the LEDs are stored for 3 months or
more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used
for storage.
• The appearance and specifications of the product may be modified for improvement without
notice.
• Long time exposure of sunlight or occasional UV exposure will cause lens discoloration.
• The slug is isolated from anode electrically.
Therefore, we recommend that you don’t isolate the heat sink.
• Attaching LEDs, do not use adhesives that outgas organic vapor.
Precaution for use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com