Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2025-330E/P Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2025-330E/P
Description  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2025-330E/P Datasheet HTML 28Page - Microchip Technology MCP2025-330E/P Datasheet HTML 29Page - Microchip Technology MCP2025-330E/P Datasheet HTML 30Page - Microchip Technology MCP2025-330E/P Datasheet HTML 31Page - Microchip Technology MCP2025-330E/P Datasheet HTML 32Page - Microchip Technology MCP2025-330E/P Datasheet HTML 33Page - Microchip Technology MCP2025-330E/P Datasheet HTML 34Page - Microchip Technology MCP2025-330E/P Datasheet HTML 35Page - Microchip Technology MCP2025-330E/P Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 33
MCP2025
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2025:
LIN Transceiver with Voltage Regulator
MCP2025T: LIN Transceiver with Voltage Regulator
(Tape and Reel) (SOIC and DFN only)
Temperature Range:
E
= -40°C to +125°C
Package:
P
= Plastic DIP (300 mil Body), 8-lead
SN = Plastic Small Outline SOIC, 8-lead
MD = Plastic Dual Flat DFN, 8-lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2025-330E/SN:
3.3V, 8L-SOIC package
b)
MCP2025-330E/P:
3.3V, 8L-PDIP package
c)
MCP2025-330E/MD:
3.3V, 8L-DFN package
d)
MCP2025-500E/SN:
5.0V, 8L-SOIC package
e)
MCP2025-500E/P:
5.0V, 8L-PDIP package
f)
MCP2025-500E/MD:
5.0V, 8L-DFN package
g)
MCP2025T-330E/SN: Tape and Reel,
3.3V, 8L-SOIC package
h)
MCP2025T-500E/SN: Tape and Reel,
5.0V, 8L-SOIC package
i)
MCP2025T-330E/MD: Tape and Reel,
3.3V, 8L-DFN package
j)
MCP2025T-500E/MD: Tape and Reel,
5.0V, 8L-DFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com