Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2025-330E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2025-330E/P
Description  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2025-330E/P Datasheet HTML 11Page - Microchip Technology MCP2025-330E/P Datasheet HTML 12Page - Microchip Technology MCP2025-330E/P Datasheet HTML 13Page - Microchip Technology MCP2025-330E/P Datasheet HTML 14Page - Microchip Technology MCP2025-330E/P Datasheet HTML 15Page - Microchip Technology MCP2025-330E/P Datasheet HTML 16Page - Microchip Technology MCP2025-330E/P Datasheet HTML 17Page - Microchip Technology MCP2025-330E/P Datasheet HTML 18Page - Microchip Technology MCP2025-330E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 15
MCP2025
Bus Interface (DC specifications are for a VBB range of 6.0 to 18.0V)
High-level Input Voltage
VIH(LBUS) 0.6 VBB
—
—
V
Recessive state
Low-level Input Voltage
VIL(LBUS)-8
—
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
—
—
0.175 VBB
VVIH(LBUS) – VIL(LBUS)
Low-level Output Current
IOL(LBUS)
40
—
200
mA
Output voltage = 0.1 VBB,
VBB = 12V
Pull-up Current on Input
IPU(LBUS)
-180
—
-72
µA
~30 k
 internal pull-up
@ VIH (LBUS) = 0.7 VBB,
VBB=12V
Short Circuit Current Limit
ISC
50
—
200
mA
(Note 1)
High-level Output Voltage
VOH(LBUS) 0.8 VBB
—VBB
V
Driver Dominant Voltage
V_LOSUP
——
1.1
V
VBB = 7.3V, RLOAD = 1000
Driver Dominant Voltage
V_HISUP
——
1.2
V
VBB = 18V,
RLOAD = 1000
Input Leakage Current
(at the receiver during dominant
bus level)
IBUS_PAS_
DOM
-1
—
—
mA
Driver off,
VBUS = 0V,
VBB = 12V
Input Leakage Current
(at the receiver during recessive
bus level)
IBUS_PAS_
REC
-20
—
20
µA
Driver off,
8V < VBB < 18V
8V < VBUs < 18V
VBUS
 VBB
Leakage Current (disconnected
from ground)
IBUS_NO_G
ND
-10
—
+10
µA
GNDDEVICE = VBB,
0V < VBUS < 18V,
VBB = 12V
Leakage Current
(disconnected from VBB)
IBUS_NO_P
WR
-10
—
+10
µA
VBB = GND,
0 < VBUS < 18V
Receiver Center Voltage
VBUS_CNT
0.475
VBB
0.5
VBB
0.525 VBB
VVBUS_CNT = (VIL (LBUS) + VIH
(LBUS))/2
Slave Termination
RSLAVE
20
30
47
k
(Note 2)
Capacitance of slave node
CSLAVE
50
pF
(Note 2)
Wake-Up Voltage Threshold on
LIN Bus
VWK(LBUS)
—
—
3.4
V
Wake up from POWER-DOWN
mode (Note 3)
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V
TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0, VLBUS = VBB).
2:
For design guidance only, not tested.
3:
In POWER-DOWN mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to
detect bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com