Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADXL001-250BEZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL001-250BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-250BEZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADXL001-250BEZ-R7 Datasheet HTML 1Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 2Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 3Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 4Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 5Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 6Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 7Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADXL001
Rev. A | Page 3 of 16
SPECIFICATIONS
SPECIFICATIONS FOR 3.3 V OPERATION
TA = −40°C to +125°C, VS = 3.3 V ± 5% dc, acceleration = 0 g, unless otherwise noted.
Table 1.
ADXL001-70
ADXL001-250
ADXL001-500
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Nonlinearity
0.2
2
0.2
2
0.2
2
%
Cross-Axis Sensitivity
Includes package
alignment
2
2
2
%
Resonant Frequency
22
22
22
kHz
Quality Factor
2.5
2.5
2.5
SENSITIVITY
Full-Scale Range
IOUT ≤ ±100 μA
−70
+70
−250
+250
−500
+500
g
Sensitivity
100 Hz
16.0
4.4
2.2
mV/g
OFFSET
Ratiometric
Zero-g Output
1.35
1.65
1.95
1.35
1.65
1.95
1.35
1.65
1.95
V
NOISE
Noise
10 Hz to 400 Hz
85
95
105
mg rms
Noise Density
10 Hz to 400 Hz
3.3
3.65
4.25
mg/√Hz
FREQUENCY RESPONSE
−3 dB Frequency
32
32
32
kHz
−3 dB Frequency Drift
Over Temperature
2
2
2
%
SELF-TEST
Output Voltage Change
400
125
62
mV
Logic Input High
2.1
2.1
2.1
V
Logic Input Low
0.66
0.66
0.66
V
Input Resistance
To ground
30
50
30
50
30
50
kΩ
OUTPUT AMPLIFIER
Output Swing
IOUT = ±100 μA
0.2
VS − 0.2
0.2
VS − 0.2
0.2
VS − 0.2
V
Capacitive Load
1000
1000
1000
pF
PSRR (CFSR)
DC to 1 MHz
0.9
0.9
0.9
V/V
POWER SUPPLY (VS)
Functional Range
3.135
6
3.135
6
3.135
6
V
ISUPPLY
2.5
5
2.5
5
2.5
5
mA
Turn-On Time
10
10
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com