Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADXL001-250BEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL001-250BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-250BEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADXL001-250BEZ-R7 Datasheet HTML 1Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 2Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 3Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 4Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 5Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 6Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 7Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADXL001
Rev. A | Page 5 of 16
RECOMMENDED SOLDERING PROFILE
Table 3. Soldering Profile Parameters
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec maximum
3°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX), ts
60 sec to 120 sec
60 sec to 150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained Above Liquidous (tL)
Liquidous Temperature (TL)
183°C
217°C
Liquidous Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time Within 5°C of Actual Peak Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec maximum
6°C/sec maximum
Time 25°C to Peak Temperature (tPEAK)
6 minute maximum
8 minute maximum
Soldering Profile Diagram
tP
tL
tPEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME (t)
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Soldering Profile Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com