Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8903 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
85
The direction of these signals and the clock frequencies are controlled as described in the “Digital
Audio Interface Control” section.
BCLK and LRC can be enabled as outputs in Slave mode, allowing mixed Master/Slave operation -
see “Digital Audio Interface Control”.
OPERATION WITH TDM
Time division multiplexing (TDM) allows multiple devices to transfer data simultaneously on the same
bus. The WM8903 ADCs and DACs support TDM in master and slave modes for all data formats and
word lengths. TDM is enabled and configured using register bits defined in the “Digital Audio Interface
Control” section.
WM8903
Processor
WM8903 or
Similar
CODEC
ADCDAT
LRC
DACDAT
BCLK
ADCDAT
LRC
DACDAT
BCLK
WM8903
Processor
WM8903 or
Similar
CODEC
ADCDAT
LRC
DACDAT
BCLK
ADCDAT
LRC
DACDAT
BCLK
Figure 38 TDM with WM8903 as Master
Figure 39 TDM with Other CODEC as Master
WM8903
Processor
WM8903 or
Similar
CODEC
ADCDAT
LRC
DACDAT
BCLK
ADCDAT
LRC
DACDAT
BCLK
Figure 40 TDM with Processor as Master
Note: The WM8903 is a 24-bit device. If the user operates the WM8903 in 32-bit mode then the 8
LSBs will be ignored on the receiving side and not driven on the transmitting side. It is therefore
recommended to add a pull-down resistor if necessary to the DACDAT line and the ADCDAT line in
TDM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com