Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8903 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
31
INPUT PGA ENABLE
The input PGAs (Programmable Gain Amplifiers) and Multiplexers are enabled using register bits
INL_ENA and INR_ENA, as shown in Table 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power
Management
0
1
INL_ENA
0
Left Input PGA Enable
0 = disabled
1 = enabled
0
INR_ENA
0
Right Input PGA Enable
0 = disabled
1 = enabled
Table 1 Input PGA Enable
To enable the input PGAs, the reference voltage VMID and the bias current must also be enabled.
See “Reference Voltages and Master Bias” for details of the associated controls VMID_RES and
BIAS_ENA.
INPUT PGA CONFIGURATION
The analogue input channels can each be configured in three different modes, which are as follows:
Single-Ended Mode (Inverting)
Differential Line Mode
Differential Mic Mode
The mode is selected by the L_MODE and R_MODE fields for the Left and Right channels
respectively. The input pins are selected using the L_IP_SEL_N and L_IP_SEL_P fields for the Left
channel and the R_IP_SEL_N and R_IP_SEL_P for the Right channel. In Single-Ended mode,
L_IP_SEL_N alone determines the Left Input pin, and the R_IP_SEL_N determines the Right Input
pin.
The three modes are illustrated in Figure 23, Figure 24 and Figure 25. It should be noted that the
available gain and input impedance varies between configurations (see also “Electrical
Characteristics”). The input impedance is constant with PGA gain setting.
The Input PGA modes are selected and configured using the register fields described in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com