Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTP-639USL100-R Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # FTP-639USL100-R
Description  24V driven receipt, ticket printer 3??KIOSK printer unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTP-639USL100-R Datasheet(HTML) 4 Page - fujitsu semiconductor

  FTP-639USL100-R Datasheet HTML 1Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 2Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 3Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 4Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 5Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 6Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 7Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 8Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FTP-639USL100-R Series
1. External dimension chart of the control Board
■ ExTERNALdIMENSION SPEcIFIcATIONS
No.
Name
Function
Remarks
CN1
Power connector
Connect +24V power supply
-
CN2
RS-232 connector
Connect RS-232 interface
depends on models
CN3
Operation panel connector
Connect to operation panel
-
CN4
USB interface connector
Connect USB interface
depends on models
CN5
Thermal head connector
Connect thermal head
-
CN6
Paper feed motor
Connect paper feed motor
-
CN7
Cutter connector
Connect cutter motor
-
CN8
Near end connector
Connect near end switch or sensor
-
CN9
External sensor connector
Connect external sensor
optional
2. connector Types of control Board
Unit: mm
PRELIMINAR
Y



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com