Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTP-639USL100-R Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # FTP-639USL100-R
Description  24V driven receipt, ticket printer 3??KIOSK printer unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTP-639USL100-R Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button FTP-639USL100-R Datasheet HTML 2Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 3Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 4Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 5Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 6Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 7Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 8Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 9Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 10Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FTP-639USL100-R Series
PRELIMINAR
Y
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141 8630, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@fcl.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
AsiaPacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
FujitsuComponentsInternationalHeadquarterOffices
©2012 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour
productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice.
Rev. October 16, 2012.
■ OPTIONS
1. cables
Name
Part Number
Cable length
Interface cable (board to
mechanism)
USB
FTP-629Y301
500mm (19.7 inch)
RS-232C
FTP-629Y302
500mm (19.7 inch)
Power supply cable
Logic, head, motor FTP-629Y603
300mm (11. 8inch)
2. driver LSI of control Board
Name
Part Number
Quantity / Tray
Remarks
MCU
FTP-629CU350
84
On-board Flash and SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com