| Electronic Components Datasheet Search |
|
STM32F051R8 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051R8 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 104 page ![]() Functional overview STM32F051x 20/105 Doc ID 022265 Rev 3 3.14 Timers and watchdogs The STM32F051x family devices include up to six general-purpose timers, one basic timer and an advanced control timer. Table 7 compares the features of the advanced-control, general-purpose and basic timers. 3.14.1 Advanced-control timer (TIM1) The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on 6 channels. It has complementary PWM outputs with programmable inserted dead times. It can also be seen as a complete general-purpose timer. The 4 independent channels can be used for: ● Input capture ● Output compare ● PWM generation (edge or center-aligned modes) ● One-pulse mode output If configured as a standard 16-bit timer, it has the same features as the TIMx timer. If configured as the 16-bit PWM generator, it has full modulation capability (0-100%). The counter can be frozen in debug mode. Many features are shared with those of the standard timers which have the same architecture. The advanced control timer can therefore work together with the other timers via the Timer Link feature for synchronization or event chaining. Table 7. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/compare channels Complementary outputs Advanced control TIM1 16-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 Yes General purpose TIM2 32-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 No TIM3 16-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 No TIM14 16-bit Up Any integer between 1 and 65536 No 1 No TIM15 16-bit Up Any integer between 1 and 65536 Yes 2 Yes TIM16, TIM17 16-bit Up Any integer between 1 and 65536 Yes 1 Yes Basic TIM6 16-bit Up Any integer between 1 and 65536 Yes 0 No |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |