| Electronic Components Datasheet Search |
|
STM32F051R8 Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051R8 Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 104 page ![]() STM32F051x Electrical characteristics Doc ID 022265 Rev 3 41/105 6.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 17: Voltage characteristics, Table 18: Current characteristics, and Table 19: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 17. Voltage characteristics(1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. Symbol Ratings Min Max Unit VDD–VSS External main supply voltage (including VDDA and VDD) –0.3 4.0 V VDD–VDDA Allowed voltage difference for VDD > VDDA -0.4 V VIN (2) 2. VIN maximum must always be respected. Refer to Table 18: Current characteristics for the maximum allowed injected current values. Input voltage on FT and FTf pins VSS − 0.3 VDD + 4.0 V Input voltage on TTa pins VSS − 0.3 4.0 V Input voltage on any other pin VSS − 0.3 4.0 V | ΔVDDx| Variations between different VDD power pins -50 mV |VSSX − VSS| Variations between all the different ground pins -50 mV VESD(HBM) Electrostatic discharge voltage (human body model) see Section 6.3.11: Electrical sensitivity characteristics |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |