Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3C110 Datasheet(PDF) 19 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 19 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 15Page - Intel Corporation JS28F320J3C110 Datasheet HTML 16Page - Intel Corporation JS28F320J3C110 Datasheet HTML 17Page - Intel Corporation JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation JS28F320J3C110 Datasheet HTML 19Page - Intel Corporation JS28F320J3C110 Datasheet HTML 20Page - Intel Corporation JS28F320J3C110 Datasheet HTML 21Page - Intel Corporation JS28F320J3C110 Datasheet HTML 22Page - Intel Corporation JS28F320J3C110 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
19
6.0
Electrical Specifications
6.1
DC Current Characteristics
Table 6.
DC Current Characteristics (Sheet 1 of 2)
VCCQ
2.7 - 3.6V
Test Conditions
Notes
VCC
2.7 - 3.6V
Symbol
Parameter
Typ
Max
Unit
ILI
Input and VPEN Load Current
±1
µA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
1
ILO
Output Leakage Current
±10
µA
VCC= VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
1
ICCS
VCC Standby Current
50
120
µA
CMOS Inputs, VCC = VCC Max,
Device is disabled (see Table 13, “Chip Enable
Truth Table” on page 33),
RP# = VCCQ ± 0.2 V
1,2,3
0.71
2
mA
TTL Inputs, VCC = VCC Max,
Device is disabled (see Table 13), RP# = VIH
ICCD
VCC Power-Down Current
50
120
µA
RP# = GND ± 0.2 V, IOUT (STS) = 0 mA
ICCR
VCC Page Mode Read
Current
4-
word
Page
15
20
mA
CMOS Inputs, VCC = VCC Max, VCCQ = VCCQ
Max using standard 4 word page mode reads.
Device is enabled (see Table 13)
f = 5 MHz, IOUT = 0 mA
1,3
24
29
mA
CMOS Inputs,VCC = VCC Max, VCCQ = VCCQ
Max using standard 4 word page mode reads.
Device is enabled (see Table 13)
f = 33 MHz, IOUT = 0 mA
8-
word
Page
10
15
mA
•
CMOS Inputs, VCC = VCC Max, VCCQ =
VCCQ Max using standard 8 word page
mode reads.
•
Device is enabled (see Table 13)
f = 5 MHz, IOUT = 0 mA
30
54
mA
•
CMOS Inputs,VCC = VCC Max, VCCQ =
VCCQ Max using standard 8 word page
mode reads.
•
Device is enabled (see Table 13)
f = 33 MHz, IOUT = 0 mA
•
Density: 128-, 64-, and 32- Mbit
26
46
mA
•
CMOS Inputs,VCC = VCC Max, VCCQ =
VCCQ Max using standard 8 word page
mode reads.
•
Device is enabled (see Table 13)
f = 33 MHz, IOUT = 0 mA
•
Density: 256Mbit
ICCW
VCC Program or Set Lock-
Bit Current
35
60
mA
CMOS Inputs, VPEN = VCC
1,4
40
70
mA
TTL Inputs, VPEN = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com