Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3C110 Datasheet(PDF) 30 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 30 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 26Page - Intel Corporation JS28F320J3C110 Datasheet HTML 27Page - Intel Corporation JS28F320J3C110 Datasheet HTML 28Page - Intel Corporation JS28F320J3C110 Datasheet HTML 29Page - Intel Corporation JS28F320J3C110 Datasheet HTML 30Page - Intel Corporation JS28F320J3C110 Datasheet HTML 31Page - Intel Corporation JS28F320J3C110 Datasheet HTML 32Page - Intel Corporation JS28F320J3C110 Datasheet HTML 33Page - Intel Corporation JS28F320J3C110 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
30
Datasheet
NOTE: CL Includes Jig Capacitance.
7.6
Capacitance
TA = +25 °C, f = 1 MHz
Figure 16. Transient Equivalent Testing Load Circuit
Device
Under Test
Out
R
L = 3.3 kΩ
1N914
1.3V
C
L
Test Configuration
CL (pF)
VCCQ = VCC = 2.7 V−3.6 V
30
Symbol
Parameter
(1)
Type
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN = 0.0 V
COUT
Output Capacitance
8
12
pF
VOUT = 0.0 V
NOTES:
1. Sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com