Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2104PDG66 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC2104PDG66
Description  256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104PDG66 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC2104PDG66 Datasheet HTML 1Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 2Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 3Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 4Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 5Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 6Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 7Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 8Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPC2104P
•MPC2105P
1
MOTOROLA FAST SRAM
Product Preview
256KB/512KB BurstRAM
™
Secondary Cache Modules for
PowerPC
™ PReP/CHRP Platforms
The MPC2104P (256KB) and MPC2105P (512KB) are designed to provide
burstable, high performance L2 cache for the PowerPC 60x microprocessor family
in conformance with the PowerPC Reference Platform (PReP) and the PowerPC
Common Hardware Reference Platform (CHRP) specifications.
The MPC2104P and MPC2105P utilize synchronous BurstRAMs. The MPC2104P
module is configured as 32K x 64 bits and uses two of the 3.3 V 32K x 32 data RAMs.
The MPC2105P is configured as 64K x 64 bits and uses two of the 3.3 V 64K x 32
data RAMs. Both modules are in a 178 (89 x 2) pin DIMM format. For tag bits on the
2104P, a 5 V cache tag RAM configured as 8K x 14 for tag field plus 8K x 2 for valid
and dirty status bits is used. For tag bits on the 2105P, a 5 V cache tag RAM
configured as 16K x 14 for tag field plus 16K x 2 for valid and dirty status bits is used.
Bursts can be initiated with the ADS signal. Subsequent burst addresses are
generated internally to the BurstRAM by the CNTEN signal.
Write cycles are internally self–timed and are initiated by the rising edge of the clock
(CLKx) inputs. Writes are global with two inputs for reduced loading.
Presence detect pins are available for auto configuration of the cache control.
The module family pinout will support 5 V and 3.3 V components for a clear path
to lower voltage and power savings. Both power supplies must be connected.
All of these cache modules are plug and pin compatible with each other.
• PowerPC–Style Burst Counter On Chip
• Pipeline Data I/O
• Plug and Pin Compatibility
• Multiple Clock Pins for Reduced Loading
• All Cache Data and Tag I/Os are LVTTL (3.3 V) Compatible
• Three State Outputs
• Buffered Addresses to Data RAMs for Reduced Loading
• Fast Module Clock Rates: Up to 66 MHz
• Fast SRAM Access Times: 9 ns for Tag RAM Match
8 ns for Data RAM
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• 178 Pin Card Edge Module
• Burndy Connector, Part Number: ELF178KSC–3Z50
BurstRAM is a trademark of Motorola.
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
This document contains information on a new product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MPC2104P/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPC2104P
MPC2105P
REV 2
12/20/96
© Motorola, Inc. 1996


Similar Part No. - MPC2104PDG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104SG66 MOTOROLA-MPC2104SG66 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2104PDG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com