Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2104PDG66 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC2104PDG66
Description  256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104PDG66 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC2104PDG66 Datasheet HTML 8Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 9Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 10Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 11Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 12Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 13Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 14Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 15Page - Motorola, Inc MPC2104PDG66 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPC2104P
•MPC2105P
13
MOTOROLA FAST SRAM
TAG RAM MATCH CYCLE
P
Sb l
Tag RAM
Ui
Parameter
Symbol
Min
Max
Unit
Clock High Write to MATCH Invalid
tKHML
—
7
ns
Clock High Read to MATCH Valid
tKHMV
—
10
ns
Address Valid to MATCH Valid
tAVMV
—
10
ns
MATCH Valid Hold from Address Change
tAXMX
2
—
ns
TG Low to MATCH Invalid
tGLML
—
7
ns
TG High to MATCH Valid
tGHMX
—
8
ns
TAG RAM RESET (TCLR) CYCLE
P
Sb l
Tag RAM
Ui
Parameter
Symbol
Min
Max
Unit
TCLR Setup Time
tSTC
4
—
ns
TCLR Hold Time
tHTC
1
—
ns
Status Bit Reset Time
tSRST
—
60
ns
Status Bit Hold from TCLR Low
tSHRS
2
—
ns
TCLR Low to MATCH Invalid
tRSML
—
10
ns
TCLR High to MATCH Valid
tRSMV
—
100
ns
TCLR Low to TAG High–Z
tRSQZ
—
10
ns
TCLR High to TAG Active
tRSQX
—
100
ns
STANDBY Setup to TCLR Low
tPDSR
30
—
ns
TCLR High to TWE Low
tRHWX
80
—
ns
OUTPUT
Z0 = 50 Ω
50
Ω
VL = 1.5 V
(a)
(b)
5 pF
+5 V
OUTPUT
255
Ω
480
Ω
TIMING LIMITS
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time. On the other hand, responses
from the memory are specified from the de-
vice point of view. Thus, the access time is
shown as a maximum since the device never
provides data later than that time.
Figure 1. Test Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com