Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2605ZP66 Datasheet(PDF) 15 Page - Motorola, Inc

Part # MPC2605ZP66
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MPC2605ZP66 Datasheet HTML 11Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 12Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 13Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 14Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 15Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 16Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 17Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 18Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MPC2605
15
MOTOROLA
READ HIT/WRITE HIT
Figure 1 shows a read hit from an idle bus state. The
MPC2605 asserts L2 CLAIM the cycle after TS to inform the
memory controller that there is a cache hit and the cache will
control the rest of the transaction. L2 CLAIM is held through
the cycle after AACK is asserted. Since there are no active
data tenures from previous transactions, the MPC2605
asserts AACK the cycle after TS is asserted. Note there must
be a qualified assertion of CPU DBG in the same cycle as the
assertion of TS for the MPC2605 to respond with TA in the
next cycle. CPU DBG does not affect the timing of L2 CLAIM
or AACK.
The write hit timing is virtually the same. The only dif-
ference is the processor drives the data instead of the
MPC2605.
CLK
CPU BG
TS
A0 – A31
TBST
L2 CLAIM
AACK
CPU DBG
DBB
TA
DH0 – DH31,
DL0 – DL31
12
3
4
56
A
A1
A2
A3
A4
Signal driven to the MPC2605
Signal driven by the MPC2605
High–Z
LEGEND
Figure 1. Burst Read (or Write) Hit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com