Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2605ZP66 Datasheet(PDF) 29 Page - Motorola, Inc

Part # MPC2605ZP66
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66 Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MPC2605ZP66 Datasheet HTML 22Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 23Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 24Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 25Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 26Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 27Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 28Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 29Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 30Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
MPC2605
29
MOTOROLA
Bit
Number
Bit/Pin Name
Bit/Pin
Type
Output
Enable
150
CFG3
Input
151
L2 CI
Input
152
L2 FLUSH
Input
153
AP0
I/O
AOE
154
AP1
I/O
AOE
155
AP2
I/O
AOE
156
AP3
I/O
AOE
157
APE
Output
APEOE
158
TAOE
Output
Enable
159
L2CLAIMOE
Output
Enable
160
L2BROE
Output
Enable
Bit
Number
Bit/Pin Name
Bit/Pin
Type
Output
Enable
161
FDNOE
Output
Enable
162
DBBOE
Output
Enable
163
DOE
Output
Enable
164
ARTRYOE
Output
Enable
165
APEOE
Output
Enable
166
ABBOE
Output
Enable
167
AACKOE
Output
Enable
168
AOE
Output
Enable
Motorola PowerPC Prefix
Part Number
Full Part Number — MPC2605ZP66
MPC2605ZP66R
Package (ZP = PBGA)
MPC
2605
ZP
66
X
Speed (66 = 66 MHz)
ORDERING INFORMATION
(Order by Full Part Number)
Blank = Trays, R = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com