Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE9926B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE9926B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE9926B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE9926B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE9926B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE9926B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE9926B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE9926B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE9926B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE9926B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE9926B
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE9926B uses advanced trench technology to provide excellent RDS(ON) and low gate charge.
They offer operation over a wide gate drive range from 2.5V to 12V. The two devices may be used
individually, in parallel or to form a bidirectional blocking switch.
Features
V
DS
(V)=20V
I
D=6A (VGS=4.5V)
R
DS(ON)
<30m
Ω (V
GS=4.5V)
R
DS(ON)
<40
mΩ (V
GS=2.5V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous) * AC
TA=25
OC
ID
6
A
TA=70
OC
5
Drain Current (Pulse) * B
IDM
24
A
Power Dissipation
TA=25
OC
PD
2
W
TA=70
OC
1.3
Operating and Storage Temperature Range TJ,TSTG -55 to 150
OC
Packaging Type
SOP-8


Similar Part No. - ACE9926B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ACE9926BFM+H VBSEMI-ACE9926BFM+H Datasheet
1Mb / 7P
Dual N-Channel 20-V (D-S) MOSFET
ACE9926BFM-H VBSEMI-ACE9926BFM-H Datasheet
1Mb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - ACE9926B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com