Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT4115A Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT4115A
Description  miniature surface mount high density Watch Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT4115A Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT4115A Datasheet HTML 1Page - Advanced Crystal Technology ACT4115A Datasheet HTML 2Page - Advanced Crystal Technology ACT4115A Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
SZ
0 0 0 0 3
G
I
- PF
(ACT4115A)
(32.7680kHz )
(±20ppm)
(-40+85)
(RoHS)
Package
D = 3K Reel
L = Loose
- PF
M
7
K
9
H
12.5
Code
G
I
-40+85
NOTES :
1)
2)
3) Stability Over Operating Temperature (ºC) please refer to the data.
Issue 4 M4E
Date: 11-2-2013
http:www.actcrystals.com
ISO9001 Registered
ACT are always happy to consider truly custom specification parts which may require non-standard specification
parameters, specific testing, customer requested AQL requirements, non standard packaging or taping and reeling and
custom marking. ( MOQ DEPENDENT ) Such devices would normally be allocated a custom specification ( An ACT200A
device may have a part number such as EK00003C- C1101-PF)
±ppm
20
Other Tolerances, CL's and other Operating Temperature Ranges may be available.
As each of these specification parameters impact on each other, it is not always possible to combine all options in one
device. Therefore, if a specification not catered for above is required, please contact us directly for the relevant part
number code(s).
For quotations or further information please contact us at:
Operating
Temperature
Range (ºC)
Full Example Part Number
00003 = 32.768kHz
( Only 32.768kHz )
Frequency
To 999.9999kHz
1st five digits of
Frequency ( See
available frequency
range on data sheet.
)
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
SZ0003GIHD-PF
32.768kHz
NB:
It is important to suffix
the above part number
with the full frequency
required to give a
completed part number
as illustrated below
Commodity Code
854160 00 00
ACT 4115A WATCH CRYSTAL ( 32.768kHz ) - PART NUMBERING & COMMODITY CODE
H
D
(12.5pF)
(3K Reel )
Load Capacitance
( pF or Series
Resonance)
RoHS
Comp'
Example
Tolerance (±pm)
@ 25ºC
Device Series
Code3215A
4115A = SZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com