Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT4115A Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT4115A
Description  miniature surface mount high density Watch Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT4115A Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT4115A Datasheet HTML 1Page - Advanced Crystal Technology ACT4115A Datasheet HTML 2Page - Advanced Crystal Technology ACT4115A Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Parameter
Symbol
Specification
condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance @25°C
∆f/fo
±20ppm
DL 0.1
µW
Frequency v Temperature
∆f/fo
See Drawing Below
Turnover Temperature
Tm
25°C ±5°C
Temperature Coefficient
β
-0.034±0.006ppm / °C
2 max
Temp Operating Range
Topr
-40 ~ +85°C
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
70K
Ω max
Load Capacitance
CL
12.5pF (standard)
Shunt Capacitance
C0
1.1 pF Typical
Motional Capacitance
C1
0.0021 pF Typical
Drive Level
DL
1.0
µW max
Insulation Resistance
IR
500M
Ω @ 100±15VDC min
Aging
Fa
±3ppm max
First year, 25°C ±3°C
Reflow
Please refer to page 2
Leakage
<1X10
-8 hpa · 1/s
Helium leakage
abc
Issue 4 M4E
Date: 11-2-2013
Specification
9pF and 7pF available please specify
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
NOT RECOMMENDED FOR NEW DESIGNS
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
The ACT4115A is a miniature surface mount high density Watch Crystal in a metal
lid ceramic package offering light weight and low height. High stability is assured
with a vacuum, within a seam sealed package. It is very suitable for portable
equipment and close component packing density requirements. The product is
available taped and reeled on 3,000 piece reels and is fully RoHS compatible.
ACT4115A SMX
Material Mass Grams
Material Mass Grams
Ag
0.0900
Mo
0.0458
Al2O3
8.0770
Ni
1.0027
Au
1.0021
Pd
0.0001
CaO
0.0280
Si Resin
0.0100
Co
0.5260
SiO2
0.3020
Cr2O3
0.3420
Sn
0.1200
Fe
1.8070
Ti
0.0008
Ge
0.0650
TiO2
0.0900
MgO
0.0450
W
1.3130
Total
15.725g
ACT 4115 Material Content


Similar Part No. - ACT4115A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT4115 ACT-ACT4115 Datasheet
217Kb / 2P
miniature surface mount, high density Watch Crystal
08/03/2007
More results

Similar Description - ACT4115A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT32P VISHAY-XT32P Datasheet
118Kb / 1P
Surface Mount Watch Crystal
17-Jun-05
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
ACT3215 ACT-ACT3215 Datasheet
240Kb / 2P
surface mount high density Watch Crystal
08/03/2007
ACT4115 ACT-ACT4115 Datasheet
217Kb / 2P
miniature surface mount, high density Watch Crystal
08/03/2007
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com