Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8731CLSEFL/R Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8731CLSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CLSEFL/R Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8731CLSEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
33
The bypass mode is selected under software control using the BYPASS microphone bit as shown in
Table 10. In true bypass mode, the output from the DAC (DACSEL) and (SIDETONE) should be de-
selected from the line output block. However this can also be used to sum the DAC output, Line
Inputs together and microphone inputs. The analogue line input and headphone output volume
controls and mutes are still operational in bypass mode. The 0dB gain setting is recommended for the
Line Input volume control to avoid distortion. The maximum signal at any point in the bypass path
must be no greater than 1.0V rms at AVDD = 3.3V, to avoid distortion. This amplitude tracks linearly
with AVDD. This means that if the DAC is producing a 1Vrms signal, and it is being summed with
1Vrms line BYPASS signal, the resulting LINEOP signal will be clipped.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
3
BYPASS
1
Bypass Switch (Analogue)
1 = Enable Bypass
0 = Disable Bypass
Table 10 Bypass Mode Software Control
SIDETONE MODE
The WM8731/L also includes a side tone mode where the microphone input is routed to line and
headphone outputs. The scheme for this is shown in Figure 24.
The side tone mode allows the microphone input to be attenuated to the outputs for telephone and
headset applications.
VMID
HPOUT
50k
10k
VMID
MICIN
VMID
10dB GAIN BOOST
VMID
FROM
LINE
INPUTS
LINEOUT
FROM
DAC
BYPASS (OFF)
DACSEL (OFF)
SIDETONE (ON)
Figure 24 Side Tone Mode Schematic
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
5
SIDETONE
0
Side Tone Switch (Analogue)
1 = Enable Side Tone
0 = Disable Side Tone
7:6
SIDEATT[1:0]
00
Side Tone Attenuation
11 = -15dB
10 = -12dB
01 = -9dB
00 = -6dB
Table 11 Side Tone Mode Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com