Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8731CLSEFL/R Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8731CLSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CLSEFL/R Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8731CLSEFL/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8731CLSEFL/R Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
41
AUDIO DATA SAMPLING RATES
The WM8731/L provides for two modes of operation (normal and USB) to generate the required DAC
and ADC sampling rates. Normal and USB modes are programmed under software control according
to the table below.
In Normal mode, the user controls the sample rate by using an appropriate MCLK or crystal frequency
and the sample rate control register setting. The WM8731/L can support sample rates from 8ks/s up
to 96ks/s.
In USB mode, the user must use a fixed MLCK or crystal frequency of 12MHz to generate sample
rates from 8ks/s to 96ks/s. It is called USB mode since the common USB (Universal Serial Bus) clock
is at 12MHz and the WM8731/L can be directly used within such systems. WM8731/L can generate
all the normal audio sample rates from this one Master Clock frequency, removing the need for
different master clocks or PLL circuits.
Uniquely, the WM8731/L offers the user the ability to sample the ADC and DAC at different rates
under software control in both Normal and USB modes. This reduces the burden on any controlling
DSP. However, the signal processing in the ADC and DAC over-sampling filters is tightly coupled
together in order to minimise power consumption. To this end, only the combinations of sample rates
listed in the following sections are supported. Note that these rates supported are anticipated to be
the likely combinations used in typical audio systems.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001000
Sampling
Control
0
USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
1
BOSR
0
Base Over-Sampling Rate
USB Mode
0 = 250fs
1 = 272fs
Normal Mode
96/88.2kHz
0 = 256fs
0 = 128fs
1 = 384fs
1 = 192fs
5:2
SR[3:0]
0000
ADC and DAC sample rate control;
See USB Mode and Normal Mode
Sample Rate sections for operation
Table 17 Sample Rate Control
NORMAL MODE SAMPLE RATES
In normal mode MCLK/crystal oscillator is set up according to the desired sample rates of the ADC
and DAC. For ADC or DAC sampling rates of 8, 32, 48 or 96kHz, MCLK frequencies of either
12.288MHz (256fs) or 18.432MHz (384fs) can be used. For ADC or DAC sampling rates of 8, 44.1 or
88.2kHz from MCLK frequencies of either 11.2896MHz (256fs) or 16.9344MHz (384fs) can be used.
Table 18 should be used to set up the device to work with the various sample rate combinations. For
example if the user wishes to use the WM8731/L in normal mode with the ADC and DAC sample
rates at 48kHz and 48kHz respectively then the device should be programmed with BOSR = 0, SR3 =
0, SR2 = 0, SR1 = 0 and SR0 = 0 with a 12.288MHz MCLK or with BOSR = 1, SR3 = 0, SR2 = 0, SR1
= 0 and SR0 = 0 with a 18.432MHz MCLK. The ADC and DAC will then operate with a Digital Filter of
type 1, refer to Digital Filter Characteristics section for an explanation of the different filter types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com