Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-70L Datasheet(PDF) 25 Page - STMicroelectronics

Part # ZPSD301-B-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70L Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ZPSD301-B-70L Datasheet HTML 21Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 22Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 23Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 24Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 25Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 26Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 27Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 28Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
22
12.0
Control Signals
Consult your MCU data sheet to determine which control signals your MCU generates, and
how they operate. This section is intended to show which control signals should be
connected to what pins on the PSD3XX. You will then use PSDsoft to configure the
PSD3XX, based on the combination of control signals that your MCU outputs, for example
RD, WR, and PSEN.
The PSD3XX is compatible with the following control signals:
• ALE or AS (polarity is programmable)
• WR or R/W
• RD/E or RD/E/DS (DS for non-3X1 devices only)
• BHE or PSEN
• A19/CSI
• RESET (polarity is programmable except on low voltage versions with the V suffix).
12.1 ALE or AS
Connect the ALE or AS signal from your MCU to this pin where applicable, and program
the polarity using PSDsoft. The trailing edge (when the signal goes inactive) of ALE or AS
latches the address on any pins that have an address input. If you are using a
non-multiplexed-bus MCU that does not output an ALE or AS signal, this pin can be used
for a generic input to the PAD. Note: if your data is multiplexed with address lines other
than A0-A7, connect your address pins to AD0/A0-AD15/A15, and connect your data to
Port A (and Port B where applicable), and connect the ALE/AS signal to this pin.
12.2 WR or R/W
Your MCU should output a stand-alone write signal (WR) or a multiplexed read/write signal
(R/W). In either case, the signal should be connected to this pin.
12.3 RD/E/DS (DS option not available on 3X1 devices)
Your MCU should output any one of RD, E (clock), or DS. In any case, connect the
appropriate signal to this pin.
12.4 BHE or PSEN
t If your MCU does not output either of these signals, tie this pin to Vcc
(through a series resistor), and skip to the next signal.
t If you use an 8-bit 8031 compatible MCU that outputs a separate signal when
accessing program space, such as PSEN, connect it to this pin. You would then use
PSDsoft to configure the EPROM in the PSD3XX to respond to PSEN only or PSEN
and RD. If you have an 8031 compatible MCU, refer to the “Program/Data Space and
the 8031” section for further information.
t If you are using a 16-bit MCU, connect the BHE (or similar signal) output to this pin.
BHE enables accessing of the upper byte of the data bus. See Table 6 for information
on how this signal is used in conjunction with the A0 address line.
BHE
A0
Operation
0
0
Whole Word
0
1
Upper Byte From/To Odd Address
1
0
Lower Byte From/To Even Address
1
1
None
Table 6. Truth Table for BHE and Address Bit A0 (16-bit MCUs only)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com