Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-70L Datasheet(PDF) 28 Page - STMicroelectronics

Part # ZPSD301-B-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70L Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ZPSD301-B-70L Datasheet HTML 24Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 25Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 26Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 27Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 28Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 29Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 30Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 31Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
25
12.0
Control Signals
(cont.)
Internal
Internal Signal
Signal State
State During
During
Component
Internal Signal
Reset
Power-Down
CS0-CS10
Logic 1 (inactive)
Per CS Equations
CSADIN,
CSADOUT1,
Per equations
PAD A and PAD B
CSADOUT2,
Logic 0 (inactive)
for each
CSIOPORT,
internal signal
ES0-ES7, RS0
All registers in CSIOPORT
address space, including:
 Direction
Logic 0 in all bit of
Logic 0 until
 Data
N/A
all registers
changed by MCU
 Page
 PMR (turbo bit,
ZPSD3XX only)
Table 8B. Internal PSD Signal States During and Just After Reset
NOTE: N/A = Not Applicable
RESET LOW
VIH
RESET HIGH
ZPSD3XXV
IS OPERATIONAL
500 ns
500 ns
VIL
Figure 8. The Reset Cycle (RESET) (ZPSD3XXV Versions)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com