Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-70M Datasheet(PDF) 8 Page - STMicroelectronics

Part # ZPSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ZPSD301-B-70M Datasheet HTML 4Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 5Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 6Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 7Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 8Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 9Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 10Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 11Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
5
Use the following table to determine which PSD product will fit your needs. Refer back to
this page whenever there is confusion as to which part has what features.
4.0
PSD3XX Family
Feature
Summary
Typical
# PLD
EPROM
SRAM
Page
Turbo
Bus
Standby
Part
Inputs
Size
Size
Reg
Voltage
Bit
Width
Current
PSD301R
14
256 Kb
5 V
x8 or x16
50 µA
PSD311R
14
256 Kb
5 V
x8
50 µA
PSD302R
18
512 Kb
X
5 V
x8 or x16
50 µA
PSD312R
18
512 Kb
X
5 V
x8
50 µA
PSD303R
18
1 Mb
X
5 V
x8 or x16
50 µA
PSD313R
18
1 Mb
X
5 V
x8
50 µA
ZPSD301R
14
256 Kb
5 V
X
x8 or x16
10 µA
ZPSD311R
14
256 Kb
5 V
X
x8
10 µA
ZPSD302R
18
512 Kb
X
5 V
X
x8 or x16
10 µA
ZPSD312R
18
512 Kb
X
5 V
X
x8
10 µA
ZPSD303R
18
1 Mb
X
5 V
X
x8 or x16
10 µA
ZPSD313R
18
1 Mb
X
5 V
X
x8
10 µA
PSD301
14
256 Kb
16 Kb
5 V
x8 or x16
50 µA
PSD311
14
256 Kb
16 Kb
5 V
x8
50 µA
PSD302
18
512 Kb
16 Kb
X
5 V
x8 or x16
50 µA
PSD312
18
512 Kb
16 Kb
X
5 V
x8
50 µA
PSD303
18
1 Mb
16 Kb
X
5 V
x8 or x16
50 µA
PSD313
18
1 Mb
16 Kb
X
5 V
x8
50 µA
ZPSD301
14
256 Kb
16 Kb
5 V
X
x8 or x16
10 µA
ZPSD311
14
256 Kb
16 Kb
5 V
X
x8
10 µA
ZPSD302
18
512 Kb
16 Kb
X
5 V
X
x8 or x16
10 µA
ZPSD312
18
512 Kb
16 Kb
X
5 V
X
x8
10 µA
ZPSD303
18
1 Mb
16 Kb
X
5 V
X
x8 or x16
10 µA
ZPSD313
18
1 Mb
16 Kb
X
5 V
X
x8
10 µA
ZPSD301V1
14
256 Kb
16 Kb
2.7 V
X
x8 or x16
1 µA
ZPSD311V1
14
256 Kb
16 Kb
2.7 V
X
x8
1 µA
ZPSD302V1
18
512 Kb
16 Kb
X
2.7 V
X
x8 or x16
1 µA
ZPSD312V1
18
512 Kb
16 Kb
X
2.7 V
X
x8
1 µA
ZPSD303V1
18
1 Mb
16 Kb
X
2.7 V
X
x8 or x16
1 µA
ZPSD313V1
18
1 Mb
16 Kb
X
2.7 V
X
x8
1 µA
NOTES: 1. Low power versions of the ZPSD3XX (ZPSD3XXV) can only accept an active-low level Reset input.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com