Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-70M Datasheet(PDF) 37 Page - STMicroelectronics

Part # ZPSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70M Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ZPSD301-B-70M Datasheet HTML 33Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 34Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 35Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 36Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 37Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 38Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 39Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 40Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
34
Conditions
Part Used
= ZPSD3XX (VCC = 5.0 V)
MCU ALE Clock Frequency
= 2.0 MHz
Composite ZPLD Input Frequency
= 8.0 MHz (see example in above section)
% EPROM Access
= 80%
% SRAM Access
= 15%
% I/O access
= 5%
%Time CSI is high (standby mode)
= 90%
%Time CSI is low (normal operation mode)
= 10%
# Product terms used (see previous section) = 13 (13/40 = 33%)
Turbo bit
= OFF (Turbo Mode disabled)
CMiser bit
= ON
MCU Bus Configuration
= 8-bit multiplexed bus mode
Calculation (Based on Typical AC and DC Currents)
ICC total = Istandby x % time CSI is high + [ICC (AC) + ICC (DC)] x % time CSI is low.
= Istandby x % time CSI is high +
[% EPROM Access x 0.8 mA/MHz x Freq. of ALE
+ % SRAM x 1.4 mA/MHz x Freq of ALE
+ ZPLD AC current (Figure 14: 13 PTs, 8 MHz, Non-Turbo)
]
x % time CSI is low
= 10 µA x 0.9 + (0.8 x 0.8 mA/MHz x 2 MHz + 0.15 x 1.4 mA/MHz x 2 MHz
+ 5.0 mA) x 0.1
= 9.0 µA + (1.28 mA + 0.42 mA + 5.0 mA) x 0.1
= 679 µA, based on the system operating in standby 90% of the time
Once you have read the “Power Management” section, you should be able to calculate
power. The following is a sample power calculation:
17.
Calculating
Power
NOTES: 1. Calculation is based on the assumption that IOUT = 0 mA (no I/O pin loading)
2. ICC(DC) is zero for all ZPSD devices operating in non-turbo mode.
3. 13 product terms: 8 for EPROM, 3 for Chip Selects, 1 for SRAM, 1 for CSIOPORT.
4. The 5% I/O access in the conditions section is when the MCU accesses CSIOPORT space.
5. Standby Mode can also be achieved without using the CSI pin. The ZPSD device will automatically
go into Standby while no inputs are changing on any pin, and Turbo Mode is disabled.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com