Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1366DACTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1366DACTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 7 - 2
1 of 30
www.diodes.com
May 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Description
The
ZXLD1366
is
a
continuous
mode
inductive
step-down
converter, designed for driving single or multiple series connected
LEDs efficiently from a voltage source higher than the LED voltage.
The device operates from an input supply between 6V and 60V and
provides an externally adjustable output current of up to 1A.
The ZXLD1366 has been qualified to AECQ100 Grade 1 enabling
operation in ambient temperatures from -40°C to +125°C
The ZXLD1366 uses a high-side output current sensing circuit
which uses an external resistor to set the nominal average output
current. The output current can be adjusted above, or below the set
value, by applying an external control signal to the 'ADJ' pin.
Enhanced output current dimming resolution can be achieved by
applying a PWM signal to the ‘ADJ’ pin.
Soft-start can be forced using an external capacitor from the ADJ
pin to ground. Applying a voltage of 0.2V or lower to the ADJ pin
turns the output off and switches the device into a low current
standby state.
Pin Assignments
(TOP VIEW)
TSOT25
I
SENSE
V
IN
2
1
3
4
5
ADJ
GND
LX
1
2
34
5
6
V-DFN3030-6
(TOP VIEW)
LX
GND
ADJ
V
IN
I
SENSE
GND
(TOP VIEW)
SO-8EP
4
6
5
1
7
2
8
3
LX
GND
GND
ADJ
V
IN
GND
GND
I
SENSE
Typical Application Circuit
VIN
ISENSE
LX
GND
ZXLD1366
ADJ
VIN (24V)
Rs
0.2V
4.7µF
C1
GND
100nF
D1
L1
Features
•
Typically better than 0.8% output current accuracy
•
Simple and with low part count
•
Single pin on/off and brightness control using DC voltage or
PWM
•
PWM resolution up to 1000:1
•
High efficiency (up to 97%)
•
Switching frequencies up to 1MHz
•
Wide input voltage range: 6V to 60V
•
Inherent open-circuit LED protection
•
Available in thermally enhanced Green molding packages
SO-8EP
θJA = +45°C/W
V-DFN3030-6
θJA = +44°C/W
TSOT25
θJA = +82°C/W
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q100 Grade 1
SO-8EP
ZXLD1366EN8TC
TSOT25
ZXLD1366ET5TA
Applications
•
Automotive lighting
•
Low voltage industrial lighting
•
LED back-up lighting
•
Illuminated signs
•
Emergency lighting
•
SELV lighting
•
Refrigeration lights
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.


Similar Part No. - ZXLD1366DACTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366DACTC DIODES-ZXLD1366DACTC Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
More results

Similar Description - ZXLD1366DACTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
60V 550mA LED DRIVER with AEC-Q100
Rev 3
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
60V 1A LED DRIVER WITH AEC-Q100
Rev 2
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1362 DIODES-ZXLD1362_12 Datasheet
365Kb / 24P
60V 1A LED DREIVER WITH AEC-Q100
Rev 5
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 1
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com