Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1366DACTC Datasheet(PDF) 27 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button ZXLD1366DACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 7 - 2
27 of 30
www.diodes.com
May 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
 
ZXLD1366
DAC : V-DFN3030-6
EN8 : SO-8EP
ET5 : TSOT25
TC : 13” Tape & Reel
TC : 13” Tape & Reel
TA : 7” Tape & Reel
Part Number
Package
Packing
ZXLD1366 XXX XX
Device
Part
Mark
Packaging
Reel Size
(inches)
Reel Width
(mm)
Quantity
Per Reel
Part Number
Suffix
AEC-Q100
ZXLD1366DACTC
1366
V-DFN3030-6
13
12
3000
TC
ZXLD1366EN8TC
ZXLD
1366
YYWW
SO-8EP
13
12
2500
TC
Grade 1
ZXLD1366ET5TA
1366
TSOT25
7
8
3000
TA
Grade 1
Where YY stands for last 2 digits of year - 10, 11 and WW stands for week number.
Package Outline Dimensions
1) TSOT25
TSOT25
Dim
Min
Max
Typ
A
−
1.00
−
A1
0.01
0.10
−
A2
0.84
0.90
−
D
−
−
2.90
E
−
−
2.80
E1
−
−
1.60
b
0.30
0.45
−
c
0.12
0.20
−
e
−
−
0.95
e1
−
−
1.90
L
0.30
0.50
L2
−
−
0.25
θ
0°
8°
4°
θ1
4°
12°
−
All Dimensions in mm
c
A1
L
E1
E
A2
D
e1
e
5x b
θ
4x 1
θ
L2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com