| Electronic Components Datasheet Search |
|
TMS320DM8147 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM8147 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 370 page ![]() TMS320DM8148, TMS320DM8147, TMS320DM8146 SPRS647D – MARCH 2011 – REVISED SEPTEMBER 2012 www.ti.com • One 16/24/30-bit and one 16/24-bit Output • Six Configurable UART/IrDA/CIR Modules – Composite or S-Video Analog Output – UART0 With Modem Control Signals – MacroVision® Support Available – Supports up to 3.6864 Mbps UART0/1/2 – Digital HDMI 1.3 transmitter With Integrated – Supports up to 12 Mbps UART3/4/5 PHY – SIR, MIR, FIR (4.0 MBAUD), and CIR – Advanced Video Processing Features Such • Four Serial Peripheral Interfaces (SPIs) [up to as Scan/Format/Rate Conversion 48-MHz] – Three Graphics Layers and Compositors – Each With Four Chip-Selects • Dual 32-bit DDR2/DDR3 SDRAM Interfaces • Three MMC/SD/SDIO Serial Interfaces [up to 48- – Supports up to DDR2-800 and DDR3-800 MHz] – Up to Eight x 8 Devices Total 2 GB Total – Three Supporting up to 1-/4-/8-Bit Modes Address Space • Dual Controller Area Network (DCAN) Modules – Dynamic Memory Manager (DMM) – CAN Version 2 Part A, B • Programmable Multi-Zone Memory • Four Inter-Integrated Circuit (I2C Bus™) Ports Mapping and Interleaving • Six Multi-Channel Audio Serial Ports (McASP) • Enables Efficient 2D Block Accesses – Dual Ten Serializer Transmit/Receive Ports • Supports Tiled Objects in 0°, 90°, 180°, or – Quad Four Serializer Transmit/Receive Ports 270° Orientation and Mirroring – DIT-Capable For S/PDIF (All Ports) • Optimizes Interlaced Accesses • Multi-Channel Buffered Serial Port (McBSP) • General Purpose Memory Controller (GPMC) – Transmit/Receive Clocks up to 48 MHz – 8-/16-bit Multiplexed Address/Data Bus – Two Clock Zones and Two Serial Data Pins – 512M-Byte Total Address Space Divided – Supports TDM, I2S, and Similar Formats Among up to 8 Chip Selects • Serial ATA (SATA) 3.0 Gbps Controller With – Glueless Interface to NOR Flash, NAND Integrated PHY Flash (BCH/Hamming Error Code Detection), – Direct Interface to One Hard Disk Drive SRAM and Pseudo-SRAM – Hardware-Assisted Native Command – Error Locator Module (ELM) Outside of Queuing (NCQ) from up to 32 Entries GPMC to Provide Upto 16-Bit/512-Bytes – Supports Port Multiplier and Command- Hardware ECC for NAND Based Switching – Flexible Asynchronous Protocol Control for • Real-Time Clock (RTC) Interface to FPGA, CPLD, ASICs, and so – One-Time or Periodic Interrupt Generation Forth • Up to 128 General-Purpose I/O (GPIO) Pins • Enhanced Direct-Memory-Access (EDMA) Controller • One Spin Lock Module with up to 128 Hardware Semaphores – Four Transfer Controllers • One Mailbox Module with 12 Mailboxes – 64/8 Independent DMA/QDMA Channels • On-Chip ARM ROM Bootloader (RBL) • Dual Port Ethernet (10/100/1000 Mb/s) With Optional Switch • Power, Reset, and Clock Management – IEEE 802.3 Compliant (3.3V I/O Only) – Multiple Independent Core Power Domains – MII/RMII/GMII/RGMII Media Independent I/Fs – Multiple Independent Core Voltage Domains – Management Data I/O (MDIO) Module – Support for Three Operating Points (OPP166/120/100) per Voltage Domain – Reset Isolation – Clock Enable/Disable Control for – IEEE-1588 Time-Stamping and Industrial Subsystems and Peripherals Ethernet Protocols • 32KB Embedded Trace Buffer™ (ETB™) and 5- • Dual USB 2.0 Ports With Integrated PHYs pin Trace Interface for Debug – USB2.0 High-/Full-Speed Clients • IEEE-1149.1 (JTAG) Compatible – USB2.0 High-/Full-/Low-Speed Hosts, or OTG • 684-Pin Pb-Free BGA Package (CYE Suffix), – Supports End Points 0-15 0.8-mm Ball Pitch With Via Channel™ • One PCI Express 2.0 Port With Integrated PHY Technology to Reduce PCB Cost – Single Port With 1 Lane at 5.0 GT/s • 45-nm CMOS Technology – Configurable as Root Complex or Endpoint • 1.8-/3.3-V Dual Voltage Buffers for General I/O • Eight 32-bit General-Purpose Timers (Timer1–8) • One System Watchdog Timer (WDT 0) 2 High-Performance System-on-Chip (SoC) Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 TMS320DM8146 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |