Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci?줧ideo Processors
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 3Page - Texas Instruments TMS320DM8147 Datasheet HTML 4Page - Texas Instruments TMS320DM8147 Datasheet HTML 5Page - Texas Instruments TMS320DM8147 Datasheet HTML 6Page - Texas Instruments TMS320DM8147 Datasheet HTML 7Page - Texas Instruments TMS320DM8147 Datasheet HTML 8Page - Texas Instruments TMS320DM8147 Datasheet HTML 9Page - Texas Instruments TMS320DM8147 Datasheet HTML 10Page - Texas Instruments TMS320DM8147 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 370 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647D – MARCH 2011 – REVISED SEPTEMBER 2012
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS647C device-specific
data manual to make it an SPRS647D revision.
Scope: Applicable updates to the DM814x DaVinci™ Video DMP device family, specifically relating to the
TMS320DM8148/47/46 devices, which are now in the production data (PD) stage of development have
been incorporated.
•
OPP50 is not supported
•
SmartReflex (AVS) is not supported
•
Deep Sleep Mode is not supported
•
HDMI HDCP encryption is not supported
•
LPDDR mode is no longer supported
•
OPP 166% (CYE1) (1.35 V) SR3.0 devices support a DSP frequency of 750 MHz
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
OPP50 is not supported
SmartReflex (AVS) is not supported
Deep Sleep Mode is not supported
Updated/Changed the "TBD" chapter references to the device-specific TRM.
Updated/Changed the "Microprocessors" and "MPUs" title references to "Processors" or "Core" where
applicable.
Global
Updated/Changed "Digital Media Processors: to "Video Processors"
HDMI HDCP encryption is not supported
Deleted LPDDR mode; no longer supported
Added updates for Global Authoring for Translation (for example, no Latin abbreviations like e.g. or i.e.)
Updated/Changed the product status from "Product Preview (PP)" to "Production Data (PD)" stage of
development.
SGX530 3D Graphics Engine:
•
Updated/Changed the subbullet "Delivers up to ... from "18" to "25" MPoly/sec
Section 1.1
Features
•
Deleted "SmartReflex™ Technology (Level 2b)" subbullet
•
Deleted "/50" from the "Support for Three Operating Points ..." bullet
Table 2-2, Characteristics of the Processor:
Section 2.2
Device Characteristics
•
Added "ARM® Cortex™-A8, Main ID Register Variant/Revision, r3p2" row
Section 2.4
Section 2.4.3, ARM Cortex-A8 Interrupt Controller (AINTC):
ARM® Cortex™-A8
Microprocessor Unit
•
Added a note that the AINTC for General-Purpose devices does not support the generation of FIQs
(MPU) Subsystem
to the ARM. [Cleared E2E Issue]
Overview
Section 3.2.6, EMAC [(R)(G)MII Modes] and MDIO:
Table 3-7, EMAC[0] Terminal Functions [(R)(G)MII]:
•
Updated/Changed lead-in "TBD" for each EMAC mode (that is, (G)MII, RMI, and RGMII) to "An
EMAC bootmode must be selected via the BTMODE[4:0] ..." paragraph
•
Updated/Changed the EMAC[0]_GMTCLK DESCRIPTION from "Asynchronous" to "Synchronous"
[Cleared LitBug #SDOCM00088607]
Section 3.2
Terminal Functions
Table 3-8,EMAC[1] Terminal Functions [(R)(G)MII]:
•
Updated/Changed lead-in "TBD" for each EMAC mode (that is, (G)MII, RMI, and RGMII) to "An
EMAC bootmode must be selected via the BTMODE[4:0] ..." paragraph
•
Updated/Changed the EMAC[1]_GMTCLK DESCRIPTION from "Asynchronous" to "Synchronous"
[Cleared LitBug #SDOCM00088607]
Copyright © 2011–2012, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com